Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1494IS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1494IS8
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1494IS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1494IS8 Datasheet HTML 1Page - Linear Technology LT1494IS8 Datasheet HTML 2Page - Linear Technology LT1494IS8 Datasheet HTML 3Page - Linear Technology LT1494IS8 Datasheet HTML 4Page - Linear Technology LT1494IS8 Datasheet HTML 5Page - Linear Technology LT1494IS8 Datasheet HTML 6Page - Linear Technology LT1494IS8 Datasheet HTML 7Page - Linear Technology LT1494IS8 Datasheet HTML 8Page - Linear Technology LT1494IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1494/LT1495/LT1496
Total Supply Voltage (V + to V –) .............................. 36V
Differential Input Voltage ......................................... 36V
Input Current ......................................................
±10mA
Output Short-Circuit Duration ....................... Continuous
Operating Temperature Range (Note 2)
LT1494C/LT1495C/LT1496C .............. – 40
°C to 85°C
LT1494I/LT1495I/LT1496I ................. – 40
°C to 85°C
LT1494H/LT1495H/LT1496H ........... – 40
°C to 125°C
Specified Temperature Range (Note 3)
LT1494C/LT1495C/LT1496C .............. – 40
°C to 85°C
LT1494I/LT1495I/LT1496I ................. – 40
°C to 85°C
LT1494H/LT1495H/LT1496H ........... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Junction Temperature ........................................... 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 150°C, θJA = 130°C/ W (N)
TJMAX = 150°C, θJA = 160°C/ W (S)
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
S8 PART MARKING
1495
1495I
1495H
LT1495CN8
LT1495CS8
LT1495IN8
LT1495IS8
LT1495HS8
ORDER PART
NUMBER
LT1496CN
LT1496CS
LT1496IN
LT1496IS
LT1496HS
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
A
D
B
C
ORDER PART
NUMBER
MS8 PART MARKING
1494
1494I
1494H
LT1494CN8
LT1494CS8
LT1494IN8
LT1494IS8
LT1494HS8
ORDER PART
NUMBER
S8 PART MARKING
LT1494CMS8
LT1494IMS8
LTFF
LTFG
TOP VIEW
NC
V +
OUT
NC
NC
–IN
+IN
V –
1
2
3
4
8
7
6
5
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
TJMAX = 150°C, θJA = 250°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
NC
V+
OUT
NC
NC
–IN
+IN
V –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com