Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1496CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1496CS
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1496CS Datasheet HTML 5Page - Linear Technology LT1496CS Datasheet HTML 6Page - Linear Technology LT1496CS Datasheet HTML 7Page - Linear Technology LT1496CS Datasheet HTML 8Page - Linear Technology LT1496CS Datasheet HTML 9Page - Linear Technology LT1496CS Datasheet HTML 10Page - Linear Technology LT1496CS Datasheet HTML 11Page - Linear Technology LT1496CS Datasheet HTML 12Page - Linear Technology LT1496CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1494/LT1495/LT1496
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (kHz)
1
10
100
1000
0.01
1
10
1495 G15
0.1
0.1
AV = 10
AV = 1
FREQUENCY (kHz)
0.01
40
50
60
70
80
0.1
1
10
1495 G14
30
20
10
0
90
100
VS = ±2.5V
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (kHz)
0.01
40
50
60
70
80
0.1
1
10
1495 G13
30
20
10
0
90
100
VS = ±2.5V
Warm-Up Drift vs Time
TIME AFTER POWER-UP (SEC)
0
40
20
30
10
0
–10
–20
–30
– 40
160
1495 G16
40
80
120
200
140
20
60
100
180
VS = ±15V
VS = ±2.5V
Open-Loop Gain
VS = 5V, 0V
OUTPUT VOLTAGE (V)
0
–5
0
5
3
5
1495 G17
–10
–15
–20
12
4
10
15
20
6
VS = 5V, 0V
RL = 1M
RL = 100k
Open-Loop Gain
VS = ±15V
OUTPUT VOLTAGE (V)
–20 –15
0
40
20
1495 G18
–40
–80
–10
–5
0
5
15
10
80
–20
20
–60
60
RL = 100k
VS = ±15V
RL = 1M
Small-Signal Response
VS = ±15V
VS = ±15V
RL = 1M
CL = 100pF
1495 G19
Small-Signal Response
VS = 5V, 0V
VS = 5V, 0V
RL = 1M
CL = 100pF
1495 G20
Large-Signal Response
VS = 5V, 0V
VS = 5V, 0V
RL = 1M
CL = 100pF
1495 G21
Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com