Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW5L3DW7JS Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTW5L3DW7JS
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW5L3DW7JS Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTW5L3DW7JS Datasheet HTML 1Page - Lite-On Technology Corporation LTW5L3DW7JS Datasheet HTML 2Page - Lite-On Technology Corporation LTW5L3DW7JS Datasheet HTML 3Page - Lite-On Technology Corporation LTW5L3DW7JS Datasheet HTML 4Page - Lite-On Technology Corporation LTW5L3DW7JS Datasheet HTML 5Page - Lite-On Technology Corporation LTW5L3DW7JS Datasheet HTML 6Page - Lite-On Technology Corporation LTW5L3DW7JS Datasheet HTML 7Page - Lite-On Technology Corporation LTW5L3DW7JS Datasheet HTML 8Page - Lite-On Technology Corporation LTW5L3DW7JS Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2/10
Part No. : LTW5L3DW7JS
BNS-OD-FC002/A4
Through Hole Lamp
LTW5L3DW7JS
1. Description
White lamps for outdoor application are offered in a variety of packages such as 3mm, 5mm, oval type which is suitable for
traffic signal and massage board applications with smooth radiation pattern. Advanced epoxy technology has a good moisture
resistance and UV protection to be us in package and it can reduce the effect of long term exposure in outdoor environment.
1. 1. Features
Lead (Pb) free product - RoHS compliant
Low power consumption & High efficiency.
High efficiency & reliability.
Versatile mounting on p.c. board or panel.
I.C. compatible/low current requirement.
Popular 5mm oval diameter. InGaN White & White
Diffused lens.
1.2. Applications
Massage sign
Bus sign
Traffic sign
Traffic signal
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com