Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW5L3DW7JS-032A Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTW5L3DW7JS-032A
Description  Through Hole Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW5L3DW7JS-032A Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTW5L3DW7JS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTW5L3DW7JS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTW5L3DW7JS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTW5L3DW7JS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTW5L3DW7JS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTW5L3DW7JS-032A Datasheet HTML 9Page - Lite-On Technology Corporation LTW5L3DW7JS-032A Datasheet HTML 10Page - Lite-On Technology Corporation LTW5L3DW7JS-032A Datasheet HTML 11Page - Lite-On Technology Corporation LTW5L3DW7JS-032A Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7/11
Part No. : LTW5L3DW7JS-032A
BNS-OD-FC002/A4
Through Hole Lamp
LTW5L3DW7JS-032A
8. Bin Table Specification
Luminous Intensity Iv (mcd) IF@20mA
Bin Code
Min.
Max.
V
4200
5500
W
5500
7200
X
7200
9300
Note: Tolerance of each bin limit is ±15%
Hue Ranks
Chromaticity Coordinates, CC(x, y), IF@20mA
A0
x
0.280
0.264
0.283
0.296
y
0.248
0.267
0.305
0.276
B1
x
0.283
0.287
0.330
0.330
y
0.305
0.295
0.339
0.360
B2
x
0.296
0.287
0.330
0.330
y
0.276
0.295
0.339
0.318
Note: Color Coordinates Measurement allowance is ±0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com