Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7636AJS Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7636AJS
Description  15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7636AJS Datasheet(HTML) 2 Page - Exar Corporation

  MP7636AJS Datasheet HTML 1Page - Exar Corporation MP7636AJS Datasheet HTML 2Page - Exar Corporation MP7636AJS Datasheet HTML 3Page - Exar Corporation MP7636AJS Datasheet HTML 4Page - Exar Corporation MP7636AJS Datasheet HTML 5Page - Exar Corporation MP7636AJS Datasheet HTML 6Page - Exar Corporation MP7636AJS Datasheet HTML 7Page - Exar Corporation MP7636AJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP7636A
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
SOIC
SOIC
–40 to +85
°C
+2+2
MP7636AJS
+4+4
MP7636AKS
0.1
–40 to +85
°C
0.1
INL
(LSB)
Gain Error
(% FSR)
DNL
(LSB)
*Contact factory for non-compliant military processing
PIN CONFIGURATION
20
1
11
10
2
3
4
5
6
7
15
14
13
12
17
16
8
9
19
18
DB12 (DB4)
DB13 (DB5)
DB14 (DB6)
DB15 (MSB) (DB7)
VDD
IOUT2
IOUT1
AGND
DB11 (DB3)
DB10 (DB2)
DB9 (DB1)
DB8 (DB0, LSB)
DGND
RFB
VREF
20 Pin SOIC (Jedec, 0. 300”)
S20
See Packaging Section for Package Dimensions
CS
WR1
BYTE1/BYTE2
WR2
XFER
PIN OUT DEFINITIONS
PIN NO.
NAME
DESCRIPTION
1CS
Chip Select (Active Low)
2
WR1
Write1 (Active Low)
3
AGND
Analog Ground
4
DB11
Data Input Bit 11 (MSB)
(DB3)
Data Input Bit 3
5
DB10
Data Input Bit 10
(DB2)
Data Input Bit 2
6
DB9
Data Input Bit 9
(DB1)
Data Input Bit 1
7
DB8
Data Input Bit 8
(DB0)
Data Input Bit 0 (LSB)
8VREF
Reference Input Voltage
9RFB
Internal Feedback
Resistor
10
DGND
Digital Ground
11
IOUT1
Current Output 1
12
IOUT2
Current Output 2
13
DB15 (MSB)
Data Input Bit 15
(DB7)
(Most Significant Bit)
Data Input Bit 7
14
DB14
Data Input Bit 14
(DB6)
Data Input Bit 6
15
DB13
Data Input Bit 13
(DB5)
Data Input Bit 5
16
DB12
Data Input Bit 12
(DB4)
Data Input Bit 4
17
XFER
Transfer Control Signal
(Active Low)
18
WR2
Write 2 (Active Low)
19
BYTE1/
Byte Sequence Control
BYTE2
20
VDD
Power Supply
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com