Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45310 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45310
Description  BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Gold Plated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45310 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45310 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45310 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45310 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45310 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
0.7 in [17.78 mm]
Width/Dia.
0.43 in [10.92 mm]
.
Weight
0.006 lbs [2.72 g]
.
Mating Cycles
1,000 Cycles
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
51.18µ in. minimum
Insulation
PTFE
Outer Conductor
Stainless Steel
Gold
19.68µ in. minimum
Body
Stainless Steel
Gold
19.68µ in. minimum
Washer
Brass
Nickel
O-Ring
Silicone Rubber
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
PE45310 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Bulkhead Mount Slide-On Connector Solder/Non-Solder Contact Attachment for
RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Gold Plated PE45310
RF Connectors Technical Data Sheet
PE45310
BMA Plug Bulkhead Mount Slide-On Connector Solder/
Non-Solder Contact Attachment for RG405, PE-
SR405AL, PE-SR405FL, PE-SR405FLJ, Gold Plated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com