Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2701 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2701
Description  3D SURROUND AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2701 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2701 Datasheet HTML 3Page - New Japan Radio NJM2701 Datasheet HTML 4Page - New Japan Radio NJM2701 Datasheet HTML 5Page - New Japan Radio NJM2701 Datasheet HTML 6Page - New Japan Radio NJM2701 Datasheet HTML 7Page - New Japan Radio NJM2701 Datasheet HTML 8Page - New Japan Radio NJM2701 Datasheet HTML 9Page - New Japan Radio NJM2701 Datasheet HTML 10Page - New Japan Radio NJM2701 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJM2701
-7 -
s
s
s
sAPPLICATION CIRCUIT
Note) In case of monaural mode (mono to stereo synthesis), input monaural signal into left channel input terminal (LIN).
Parts No.
Value
Tolerance
Parts No.
Value
Tolerance
R1,R2
10k
Ω
5%
C3
1
µF
20%
C1
0.0047
µF
5%
C4
100
µF
20%
C2
0.027
µF
5%
C5,C6,C7,C8,C9,C10,C11
10
µF
20%
C1
10uF/50V
7
2
3
4
5
6
1
8
13
12
11
10
9
14
50KB
Surround VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com