Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S79FL256S Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S79FL256S
Description  256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S79FL256S Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S79FL256S Datasheet HTML 17Page - Cypress Semiconductor S79FL256S Datasheet HTML 18Page - Cypress Semiconductor S79FL256S Datasheet HTML 19Page - Cypress Semiconductor S79FL256S Datasheet HTML 20Page - Cypress Semiconductor S79FL256S Datasheet HTML 21Page - Cypress Semiconductor S79FL256S Datasheet HTML 22Page - Cypress Semiconductor S79FL256S Datasheet HTML 23Page - Cypress Semiconductor S79FL256S Datasheet HTML 24Page - Cypress Semiconductor S79FL256S Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
Document Number: 002-00518 Rev. *D
Page 21 of 111
S79FL256S/S79FL512S
Figure 13. Power-Up
Figure 14. Power-Down and Voltage Drop
Table 5. Power-Up / Power-Down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VCC (min)
VCC (minimum operation voltage)
2.7
V
VCC (cut-off)
VCC (Cut 0ff where re-initialization is needed)
2.4
V
VCC (low)
VCC (low voltage for initialization to occur)
VCC (Low voltage for initialization to occur at embedded)
1.0
2.3
V
tPU
VCC (min) to Read operation
300
µs
tPD
VCC (low) time
1.0
µs
(max)
(min)
VCC
tPU
Full Device Access
Time
VCC
VCC
tPD
(max)
(min)
VCC
tPU
Device Access
Allowed
Time
VCC
VCC
No Device Access Allowed
(cut-off)
VCC
(low)
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com