Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F522DWDPMC Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB91F522DWDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522DWDPMC Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB91F522DWDPMC Datasheet HTML 16Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 17Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 18Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 19Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 20Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 21Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 22Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 23Page - Cypress Semiconductor MB91F522DWDPMC Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 20 of 280
MB91520 Series
Pin No.
Pin Name
Polarity
I/O
Circuit
types*8
Function*9
64
80
100
120
144
176
5 *1
7 *1
9 *1
12 *1
15
19
P032
-
A
General-purpose I/O port
A04 *2, *3, *4, *5
-
External bus/Address bit4 output (0)
SCS43_1
-
Serial chip select 43 output (1)
PPG30_0
-
PPG ch.30 output (0)
TOT3_0
-
Reload timer ch.3 output (0)
RTO2_1
-
Waveform generator ch.2 output pin (1)
6 *1
8 *1
10 *1
13 *1
16
20
P033
-
A
General-purpose I/O port
A05 *2, *3, *4, *5
-
External bus/Address bit5 output (0)
PPG31_0
-
PPG ch.31 output (0)
ICU3_3
-
Input capture ch.3 input (3)
TIN4_0
-
Reload timer ch.4 event input (0)
RTO1_1
-
Waveform generator ch.1 output pin (1)
SCK3_2
-
Multi-function serial ch.3 clock I/O (2)
7 *1
9 *1
11 *1
14 *1
17
21
P034
-
A
General-purpose I/O port
A06 *2, *3, *4, *5
-
External bus/Address bit6 output (0)
OCU11_1
-
Output compare ch.11 output (1)
ICU2_3
-
Input capture ch.2 input (3)
TIN5_0
-
Reload timer ch.5 event input (0)
RTO0_1
-
Waveform generator ch.0 output pin (1)
SOT3_2
-
Multi-function serial ch.3 serial data output
(2)
-
-
12
15
18
22
P150
-
F
General-purpose I/O port
SOT8_0/
SDA8
-
Multi-function serial ch.8 serial data output
(0)/ I2C bus serial data I/O
OCU10_1
-
Output compare ch.10 output (1)
TRG6_0
-
PPG trigger 6 input (0)
ICU1_3
-
Input capture ch.1 input (3)
TIN6_0
-
Reload timer ch.6 event input (0)
8 *1
10
*1
13
16
19
23
P151
-
F
General-purpose I/O port
SCK8_0/
SCL8 *2, *3
-
Multi-function serial ch.8 clock I/O (0)/
I2C bus serial clock I/O
OCU9_1
-
Output compare ch.9 output (1)
TRG7_0
-
PPG trigger 7 input (0)
ICU0_3
-
Input capture ch.0 input (3)
TIN7_0
-
Reload timer ch.7 event input (0)
ZIN0_2
-
U/D counter ch.0 ZIN input (2)
DTTI_1
-
Waveform generator ch.1 input pin (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com