Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525DSDPMC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB91F525DSDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DSDPMC Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB91F525DSDPMC Datasheet HTML 1Page - Cypress Semiconductor MB91F525DSDPMC Datasheet HTML 2Page - Cypress Semiconductor MB91F525DSDPMC Datasheet HTML 3Page - Cypress Semiconductor MB91F525DSDPMC Datasheet HTML 4Page - Cypress Semiconductor MB91F525DSDPMC Datasheet HTML 5Page - Cypress Semiconductor MB91F525DSDPMC Datasheet HTML 6Page - Cypress Semiconductor MB91F525DSDPMC Datasheet HTML 7Page - Cypress Semiconductor MB91F525DSDPMC Datasheet HTML 8Page - Cypress Semiconductor MB91F525DSDPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 2 of 280
MB91520 Series
 D/A converter (R-2R type)
8-bit resolution : 2 ch
 External interrupt input: 8 channels × 2 units total
16 channels
Level ("H" / "L"), or edge detection (rising or falling)
enabled
 Multi-function serial communication (built-in
transmission/reception FIFO memory) : Max.12 channels
5 V tolerant input: 4 channels ch.6, ch.8, ch.9, ch.11
CMOS hysteresis input
< UART (Asynchronous serial interface) >
Full-duplex double buffering system, 64-step
transmission FIFO memory, 64-step reception FIFO
memory
Parity or no parity is selectable.
Built-in dedicated baud rate generator
An external clock can be used as the transfer clock
Parity, frame, and overrun error detection functions
provided
DMA transfer support
<CSIO (Synchronous serial interface) >
Full-duplex double buffering system, 64-step
transmission FIFO memory, 64-step reception FIFO
memory
SPI supported; master and slave systems supported;
5 to 16, 20, 24, 32-bit data length can be set.
Built-in dedicated baud rate generator (Master
operation)
An external clock can be entered. (Slave operation)
Overrun error detection function is provided
DMA transfer support
Serial chip select SPI function
<LIN (Asynchronous Serial Interface for LIN) >
Full-duplex double buffering system, 64-step
transmission FIFO memory, 64-step reception FIFO
memory
LIN protocol revision 2.1 supported
Master and slave systems supported
Framing error and overrun error detection
LIN synch break generation and detection; LIN synch
delimiter generation
Built-in dedicated baud rate generator
An external clock can be adjusted by the reload
counter
DMA transfer support
Hard assist function
< I2C >
2 channels ch.3 , ch.4
Standard mode/fast mode
supported.
6 channels ch.5 to ch.8, ch.10, ch.11 Standard mode
supported.
Full-duplex double buffering system, 64-step
transmission FIFO memory, 64-step reception FIFO
memory
Standard mode (Max. 100 kbps) / fast mode (Max. 400
kbps) supported
DMA transfer supported (for transmission only)
 CAN Controller (CAN) : 3 channels
Transfer speed : Up to 1 Mbps
128-transmission/reception message buffering :
1 channel (ch.0),
64-transmission/reception message buffering :
2 channels (ch.1 and ch.2)
 PPG: 16-bit × Max. 48 channels
LED drive output 4 channels 11 ch to 14 ch
Reload timer : 16-bit × Max.8 channels
Free-run timer :
16-bit × 3 channels
32-bit × Max 3 channels
 Input capture :
16-bit × 4 channels (linked to the free-run timer)
32-bit × Max 6 channels (linked to the free-run timer)
 Output compare :
16-bit × 6 channels (linked to the free-run timer)
32-bit × Max 6 channels (linked to the free-run timer)
 Waveform generator : 6 channels
 Up/Down counter
8-/16-bit Up/Down counter × 2 channels
 Real-time clock (RTC) (for day, hours, minutes, seconds)
Main or sub oscillation frequency can be selected for
the operation clock
 Calibration: Real-time clock (RTC) of the subclock drive
The main clock to sub clock ratio can be corrected by
setting the real-time clock prescaler
 Clock Supervisor
Monitoring abnormality (by damaged quartz, etc.) of
suboscillation (32 kHz) (dual clock products)
of the outside and main oscillation (4 MHz)
When abnormality is detected, it switches to the CR
clock.
Initial value ON/OFF can be selected by the part
number.
 Base timer : Max.2 channels
16-bit timer
Any of four PWM/PPG/PWC/reload timer functions can
be selected and used
As for the PWC function and the reload timer function,
a pair of 16-bit timers can be used as one 32-bit timer
in the cascade mode
 CRC generation
 Watchdog timer
Hardware watchdog
Software watchdog (possible to set the valid range for
counter clearing)
 NMI (non-maskable interrupt)
 Interrupt controller
 Interrupt request batch read
The interrupt existence from two or more peripherals
can be read by a series of register.
 I/O relocation
Peripheral function pins can be reassigned.
 Low-power consumption mode
Sleep / Stop / Watch / Sub RUN mode
Stop (power shutdown) / Watch (power shutdown)
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com