Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525DHDPMC Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB91F525DHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DHDPMC Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB91F525DHDPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 37Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 38Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 39Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 40Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 41Page - Cypress Semiconductor MB91F525DHDPMC Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 38 of 280
MB91520 Series
Type
Circuit
Remarks
J
• Analog input, General-purpose I/O port (5 V
tolerant)
• Output 4 mA
• CMOS hysteresis input
K
•Mode I/O
• CMOS hysteresis input
L
•Open-drain I/O
•Output 25 mA (Nch open-drain)
•TTL input
M
• CMOS hysteresis input
•Pull-up resistor 50 kΩ
N
•Main oscillation I/O
Standby control
Input
TTL input
Digital output
Control
Mode input
Digital output
Digital output
Standby control
CMOS-hys input
Analog input
CMOS-hys input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com