Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS00-R Datasheet(PDF) 31 Page - Broadcom Corporation.

Part # 5802-DS00-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS00-R Datasheet(HTML) 31 Page - Broadcom Corporation.

Back Button 5802-DS00-R Datasheet HTML 27Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 28Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 29Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 30Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 31Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 32Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 33Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 34Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 35Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Memory Structures
Page 23
Master Command Record. This structure is used to hand off a number of key setups to the chip for processing. The
structure is variable-length, and contains up to 216-1 sets of fields where each field describes one key setup. This degree of
flexibility allows the host CPU to queue up any number of key setups, and to initiate hardware processing of all queued up
key setup sessions via a single PCI write. When using the Diffie-Hellman algorithm to generate shared secrets, two key setup
operations must be performed. The first operation is to generate a public key to be sent to a party with whom the secret is
shared. The second operation is to generate the shared secret using the received public key from the party. Two sets of fields
are needed to complete the generation of a shared secret.
Table 8:
Master Command Record
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765
43210
Flags
# key setups in this MCR
Command context address for 1st key setup firstKeySetupCMDAddr
Data Buffer Address dataAddr for 1st key setup
Next entry in linked list of data buffers for 1st key setup next
Reserved
Data buf length dataLen 1st key setup
Length for 1st key setup data dLength
Reserved
Output Buffer Address dataAddr for 1st key setup
Next entry in linked list of Output buffers for 1st key setup next
Reserved
Output buf length dataLen 1st key setup
Command context address for 2nd to Nth key setup KeySetupCMDAddr
Data Buffer Address dataAddr for 2nd to Nth key setup
Next entry in linked list of data buffers for 2nd to Nth key setup next
Reserved
Data buf length dataLen 2-Nth key setup
Length for 2-Nth keysetup dLength
Reserved
Output Buffer Address dataAddr for 2-Nth key setup
Next entry in linked list of Output buffers for 2-Nth key setup next
Reserved
Output buf length dataLen 2-Nth key setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com