Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEM4020PD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEM4020PD
Description  PNP transistor/Schottky-diode module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEM4020PD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEM4020PD Datasheet HTML 3Page - NXP Semiconductors PMEM4020PD Datasheet HTML 4Page - NXP Semiconductors PMEM4020PD Datasheet HTML 5Page - NXP Semiconductors PMEM4020PD Datasheet HTML 6Page - NXP Semiconductors PMEM4020PD Datasheet HTML 7Page - NXP Semiconductors PMEM4020PD Datasheet HTML 8Page - NXP Semiconductors PMEM4020PD Datasheet HTML 9Page - NXP Semiconductors PMEM4020PD Datasheet HTML 10Page - NXP Semiconductors PMEM4020PD Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2003 Nov 24
9
Philips Semiconductors
Product specification
PNP transistor/Schottky-diode module
PMEM4020PD
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
97-02-28
01-05-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com