Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5228-DS04-R Datasheet(PDF) 37 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 37 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 33Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 34Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 35Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 36Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 37Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 38Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 39Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 40Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 41Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Operational Description
Page 25
Se cti on 4: Op er a t ion a l D e s c r i p ti on
RESETTING THE BCM5228
There are two ways to reset each transceiver in the BCM5228. A hardware reset pin has been provided which resets all
internal nodes inside the chip to a known state. The reset pulse must be asserted for at least 2 µs. Hardware reset should
always be applied to a BCM5228 after power-up and after all clocks to the chip are running.
Each transceiver in the BCM5228 also has an individual software reset capability. To perform software reset, a 1 must be
written to bit 15 of the MII Control register 0 (see “MII Register Map Summary” on page 37) of the transceiver. This bit is self-
clearing, meaning that a second write operation is not necessary to end the reset. There is no effect if a 0 is written to this bit.
LOOPBACK MODE
The loopback mode allows in-circuit testing of the BCM5228 chip. All packets sent in through the TXD pins are looped-back
internally to the RXD pins, and are not sent out to the cable. Incoming packets on the cable are ignored.
The loopback mode can be entered by writing a 1 to bit 14 of the MII Control register or by writing a 1 to bit 8 and bit 7 of
shadow register 1Dh. In order to resume normal operation the bits must be 0.
Several function bypass modes are also supported which can provide a number of different combinations of feedback paths
during loopback testing. These bypass modes include: bypass scrambler, bypass MLT3 encoder and bypass 4B5B encoder.
FULL-DUPLEX MODE
The BCM5228 supports full-duplex operation. While in full-duplex mode, a transceiver can simultaneously transmit and
receive packets on the cable. By default, each transceiver in the BCM5228 powers up in half-duplex mode.
When auto-negotiation is disabled, full-duplex operation can be enabled either by a pin (FDXEN) or by an MII register bit
(register 0 bit 8).
When auto-negotiation is enabled in DTE mode, full-duplex capability is advertised by default but can be overridden by a
write to the auto-negotiation Advertisement register (04h).
100BASE-FX MODE
Any of the BCM5228F transceivers can interface with an external 100BASE-FX fiber-optic driver and receiver instead of the
magnetics module used with twisted-pair cable. The differential transmit and receive data pairs operate at PECL voltage
levels instead of those required for twisted-pair transmission, if the termination scheme recommended in the application note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com