Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE3052 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE3052
Description  0.3??Single Digit Numeric Display, Seven Segment, Common Anode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3052 Datasheet(HTML) 2 Page - NTE Electronics

  NTE3052 Datasheet HTML 1Page - NTE Electronics NTE3052 Datasheet HTML 2Page - NTE Electronics NTE3052 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical/Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Average Luminous Intensity
NTE3052
Iv
IF = 10mA
200
500
µcd
NTE3053, NTE3054, NTE3055
800
2000
µcd
Peak Emission Wavelength
NTE3052
λP
IF = 20mA
655
nm
NTE3053
630
nm
NTE3054
565
nm
NTE3055
585
nm
Spectral Line Half–Width
NTE3052
λ
IF = 20mA
24
nm
NTE3053
40
nm
NTE3054
30
nm
NTE3055
35
nm
Forward Voltage, Any Segment or D.P.
NTE3052
VF
IF = 20mA
1.7
2.0
V
NTE3053, NTE3054, NTE3055
2.1
2.8
V
Reverse Current, Any Segment or D.P.
IR
VR = 5V
100
µA
Luminous Intensity Matching Ratio
Iv–m
IF = 20mA
2:1
Pin Connection Diagram
1
2
3
4
Cathode A
Cathode F
Common Anode
No Pin
5
No Pin
6
N.C.
7
Cathode E
14
13
12
11
Common Anode
Cathode B
No Pin
Cathode G
10
Cathode C
9
Cathode D.P.
8
Cathode D
A
G
D
D.P.
FB
EC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com