Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45346 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45346
Description  BMA Plug Slide-On Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .020 inch Pin, .481 inch Hole Spacing, With EMI Gasket
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45346 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45346 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45346 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45346 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45346 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45346 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45346 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Configuration
• Slide-On BMA Plug Connector
• 50 Ohms
• Straight Body Geometry
• .020 inch Pin Interface Type
• Field Replaceable Attachment
• 2 Hole Flange
Features
• Max. Operating Frequency 22 GHz
• Good VSWR of 1.28:1
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• Low-Engagement Force
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45346 BMA plug slide-on 2 hole flange mount field replaceable connector with EMI gasket (.481 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our BMA plug connector operates up to a
maximum frequency of 22 GHz and offers good VSWR of 1.28:1. The Pasternack blind mate connector is ideal for applications
where direct visual or tactile access to the connection point is not possible, for example, when two circuit boards need to be
mated. This BMA 2 hole flange connector allows designers to create external connections on their product enclosures, and
can be used in a variety of other rack mount and panel mount applications. This field replaceable connector is easy to install
or replace in the field.
Our BMA plug 2 hole flange connector PE45346 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
VSWR
1.28:1
Insertion Loss
0.14
dB
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Slide-On Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount
.020 inch Pin, .481 inch Hole Spacing, With EMI Gasket PE45346
PE45346 REV 1.0
BMA Plug Slide-On Field Replaceable Connector
With EMI Gasket 2 Hole Flange Mount .020 inch
Pin, .481 inch Hole Spacing, With EMI Gasket
RF Connectors Technical Data Sheet
PE45346


Similar Part No. - PE45346

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4534 PASTERNACK-PE4534 Datasheet
296Kb / 3P
SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/16 inch Stripline PCB
PE4534 PASTERNACK-PE4534 Datasheet
321Kb / 3P
SMA Female Connector Solder/Solder
PE45340 PASTERNACK-PE45340 Datasheet
362Kb / 4P
BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, With Cylindrical Contact
PE45341 PASTERNACK-PE45341 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, With Cylindrical Contact
PE45342 PASTERNACK-PE45342 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 22GHz
More results

Similar Description - PE45346

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44019 PASTERNACK-PE44019 Datasheet
177Kb / 3P
SMA Male Field Replaceable Connector With EMI Gasket 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44028 PASTERNACK-PE44028 Datasheet
178Kb / 3P
SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.012 inch Pin
PE44030 PASTERNACK-PE44030 Datasheet
172Kb / 2P
SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.018 inch Pin
PE45216 PASTERNACK-PE45216 Datasheet
338Kb / 3P
SMA Female Field Replaceable Connector With EMI Gasket 4 Hole Flange Mount .015 inch Pin
PE45217 PASTERNACK-PE45217 Datasheet
334Kb / 3P
SMA Female Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .012 inch Pin
PE45341 PASTERNACK-PE45341 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, With Cylindrical Contact
PE45344 PASTERNACK-PE45344 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE45345 PASTERNACK-PE45345 Datasheet
484Kb / 6P
BMA Plug Slide-On Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .012 inch Pin, .481 inch Hole Spacing, With EMI Gasket
PE45347 PASTERNACK-PE45347 Datasheet
367Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter
PE45348 PASTERNACK-PE45348 Datasheet
364Kb / 4P
BMA Plug Slide-On Field Replaceable Connector 2 Hole Flange Mount .036 inch Pin, .481 inch Hole Spacing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com