Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM320MI6W Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # SCM320MI6W
Description  20 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

SCM320MI6W Datasheet(HTML) 1 Page - PowerDynamics, Inc

  SCM320MI6W Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
1 of 2
SHEET
20 AMP UNFUSED SWITCHED
PIN & SLEEVE MECHANICAL INTERLOCK
SCMX20MIXW
A
PB
4//25/16
ON
NOTE: SEE SHEET 2 FOR SPECIFICATIONS.


Similar Part No. - SCM320MI6W

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SCM3216F FRONTIER-SCM3216F Datasheet
63Kb / 2P
SMD Wire Wound EMI Common Mode Chip
SCM3216F-102M FRONTIER-SCM3216F-102M Datasheet
63Kb / 2P
SMD Wire Wound EMI Common Mode Chip
SCM3216F-161M FRONTIER-SCM3216F-161M Datasheet
63Kb / 2P
SMD Wire Wound EMI Common Mode Chip
SCM3216F-222M FRONTIER-SCM3216F-222M Datasheet
63Kb / 2P
SMD Wire Wound EMI Common Mode Chip
SCM3216F-261M FRONTIER-SCM3216F-261M Datasheet
63Kb / 2P
SMD Wire Wound EMI Common Mode Chip
More results

Similar Description - SCM320MI6W

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130150-0043 MOLEX11-130150-0043 Datasheet
23Kb / 1P
20 Amp Watertite Pin and Sleeve Mechanical Interlock, 2 Pole/3 Wire, 125V, Yellow
130150-0134 MOLEX11-130150-0134 Datasheet
31Kb / 1P
20 Amp Watertite Pin and Sleeve Mechanical Interlock with Flip Lid, 3 Pole/4 Wire, 3 480V, Red
130150-0164 MOLEX11-130150-0164 Datasheet
49Kb / 1P
30 Amp Safeway Pin and Sleeve Mechanical Interlock with Flip Lid, 3 Pole/4 Wire, 3 480V, Red
130150-0165 MOLEX11-130150-0165 Datasheet
45Kb / 1P
30 Amp Watertite Pin and Sleeve Mechanical Interlock, 3 Pole/4 Wire, 3 480V, Red
1301500164 MOLEX11-1301500164 Datasheet
42Kb / 1P
30 Amp Safeway Pin and Sleeve Mechanical Interlock with Flip Lid, 3 Pole/4 Wire,
1301500043 MOLEX11-1301500043 Datasheet
33Kb / 1P
20 Amp Watertite Pin and Sleeve Mechanical Interlock, 2 Pole/3 Wire
1301500165 MOLEX11-1301500165 Datasheet
37Kb / 1P
30 Amp Watertite Pin and Sleeve Mechanical Interlock, 3 Pole/4 Wire
1301500196 MOLEX11-1301500196 Datasheet
37Kb / 1P
60 Amp Watertite Pin and Sleeve Mechanical Interlock with Flip Lid
logo
PowerDynamics, Inc
SCM330MI4W POWERDYNAMICS-SCM330MI4W Datasheet
382Kb / 1P
30 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
SCM360MI6W POWERDYNAMICS-SCM360MI6W Datasheet
381Kb / 1P
60 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com