Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95080-RMB6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95080-RMB6
Description  16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RMB6 Datasheet(HTML) 1 Page - STMicroelectronics

  M95080-RMB6 Datasheet HTML 1Page - STMicroelectronics M95080-RMB6 Datasheet HTML 2Page - STMicroelectronics M95080-RMB6 Datasheet HTML 3Page - STMicroelectronics M95080-RMB6 Datasheet HTML 4Page - STMicroelectronics M95080-RMB6 Datasheet HTML 5Page - STMicroelectronics M95080-RMB6 Datasheet HTML 6Page - STMicroelectronics M95080-RMB6 Datasheet HTML 7Page - STMicroelectronics M95080-RMB6 Datasheet HTML 8Page - STMicroelectronics M95080-RMB6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1/40
October 2004
M95160
M95080
16Kbit and 8Kbit Serial SPI Bus EEPROM
With High Speed Clock
FEATURES SUMMARY
■
Compatible with SPI Bus Serial Interface
(Positive Clock SPI Modes)
■
Single Supply Voltage:
–
4.5 to 5.5V for M95xxx
–
2.5 to 5.5V for M95xxx-W
–
1.8 to 5.5V for M95xxx-R
■
High Speed
–
10MHz Clock Rate, 5ms Write Time
■
Status Register
■
Hardware Protection of the Status Register
■
BYTE and PAGE WRITE (up to 32 Bytes)
■
Self-Timed Programming Cycle
■
Adjustable Size Read-Only EEPROM Area
■
Enhanced ESD Protection
■
More than 1 Million Erase/Write Cycles
■
More than 40-Year Data Retention
Table 1. Product List
Figure 1. Packages
Reference
Part Number
M95160
M95160
M95160-W
M95160-R
M95080
M95080
M95080-W
M95080-R
PDIP8 (BN)
SO8 (MN)
150 mil width
8
1
TSSOP8 (DW)
169 mil width
TSSOP8 (DS)
3x3mm² body size (MSOP)
8
1
UFDFPN8 (MB)
2x3mm² (MLP)


Similar Part No. - M95080-RMB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95080-RMN1T STMICROELECTRONICS-M95080-RMN1T Datasheet
164Kb / 19P
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
M95080-RMN3G/G STMICROELECTRONICS-M95080-RMN3G/G Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95080-RMN3G/S STMICROELECTRONICS-M95080-RMN3G/S Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95080-RMN3P/G STMICROELECTRONICS-M95080-RMN3P/G Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95080-RMN3P/S STMICROELECTRONICS-M95080-RMN3P/S Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
More results

Similar Description - M95080-RMB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Oct-2004
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
M95512-W STMICROELECTRONICS-M95512-W Datasheet
531Kb / 31P
512Kbit Serial SPI Bus EEPROM With High Speed Clock
30-Jun-2005
M95512 STMICROELECTRONICS-M95512 Datasheet
195Kb / 31P
512Kbit Serial SPI Bus EEPROM With High Speed Clock
03-Jan-2005
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com