Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG030 Datasheet(PDF) 1 Page - ebm-papst

Part # QG030
Description  DC tangential fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

QG030 Datasheet(HTML) 1 Page - ebm-papst

  QG030 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
138
Air performance measured according to:
ISO 5801.
Installation category A, without contact
protection.
Noise: Total sound power level LWA ISO
103002 measured on a hemisphere with
a radius of 2 m.
Sound pressure level LpA measured at 1 m
distance to fan axis.
The values given are applicable only under the
specified measuring conditions and may differ
depending on the installation conditions.
In the event of deviation from the standard
configuration, the parameters must be
checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Moisture protection
Max.
155 m3/h
– Material:
Housing: Aluminum
Housing side parts: Plastic
Impeller: Aluminum
– Direction of air flow: See photo
– Connection:
via single wires AWG 24, TR 64
– Highlights:
Motor with ball bearing system
Impeller retaining plate with
sleeve bearing
– Weight:
235 / 290 / 380 / 415 g
Type
m3/h
cfm
VDC
VDC
db(A)
Bel(A)
/
Watts
°C
Hours
Hours
QG 030-148/12
75
44
12
8...14
49
5.7
/
6.2
-20...+60
30 000 / 20 000
50 000
¿
QG 030-198/12
100
59
12
8...14
51
5.8
/
8,0
-20...+60
30 000 / 20 000
50 000
¡
QG 030-303/12
140
82
12
8...14
51
5.8
/
8.7
-20...+60
30 000 / 20 000
50 000
¬
QG 030-353/12
155
91
12
8...14
51
5.9
/
9.6
-20...+60
30 000 / 20 000
50 000
√
QG 030-148/14
75
44
24
16...28
49
5.7
/
6.2
-20...+60
30 000 / 20 000
50 000
¿
QG 030-198/14
100
59
24
16...28
51
5.8
/
8.0
-20...+60
30 000 / 20 000
50 000
¡
QG 030-303/14
140
82
24
16...28
51
5.8
/
8.7
-20...+60
30 000 / 20 000
50 000
¬
QG 030-353/14
155
91
24
16...28
51
5.9
/
9.6
-20...+60
30 000 / 20 000
50 000
√
Subject to change
Type
Dimension:
L
L1
Mass
QG 030-148/ ..
203.4
+1.5
148
235 g
QG 030-198/ ..
260.4
+1.5
198
290 g
QG 030-303/ ..
365.4
+1.5
303
380 g
QG 030-353/ ..
415.4
+1.5
353
415 g
The values for service life were recorded with the fan installed
horizontally.
Tangential fans are suitable only for operation with high
air flow and low back-pressure.
Pocket for square nut M3 DIN 562, flat (6x)
DC tangential fans
201...413 x 50 x 48 mm
Series QG 030
Nominal data


Similar Part No. - QG030

ManufacturerPart #DatasheetDescription
logo
ebm-papst
QG030-148 EBMPAPST-QG030-148 Datasheet
118Kb / 1P
DC tangential fans
QG030-148/12 EBMPAPST-QG030-148/12 Datasheet
118Kb / 1P
DC tangential fans
QG030-148/12 EBMPAPST-QG030-148/12 Datasheet
380Kb / 4P
DC tangential blower
QG030-148/12 EBMPAPST-QG030-148/12 Datasheet
380Kb / 4P
DC tangential blower
QG030-148/14 EBMPAPST-QG030-148/14 Datasheet
118Kb / 1P
DC tangential fans
More results

Similar Description - QG030

ManufacturerPart #DatasheetDescription
logo
ebm-papst
QG03019814 EBMPAPST-QG03019814 Datasheet
387Kb / 4P
DC tangential blower
QG03030314 EBMPAPST-QG03030314 Datasheet
384Kb / 4P
DC tangential blower
QG03035314 EBMPAPST-QG03035314 Datasheet
383Kb / 4P
DC tangential blower
QG030-14814 EBMPAPST-QG030-14814 Datasheet
380Kb / 4P
DC tangential blower
QG030-35314 EBMPAPST-QG030-35314 Datasheet
118Kb / 1P
DC tangential fans
QG030-30312 EBMPAPST-QG030-30312 Datasheet
384Kb / 4P
DC tangential blower
QG030-35312 EBMPAPST-QG030-35312 Datasheet
384Kb / 4P
DC tangential blower
QG03014812 EBMPAPST-QG03014812 Datasheet
380Kb / 4P
DC tangential blower
QG03014814 EBMPAPST-QG03014814 Datasheet
380Kb / 4P
DC tangential blower
QG03030312 EBMPAPST-QG03030312 Datasheet
384Kb / 4P
DC tangential blower
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com