Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPCMINI Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # IPCMINI
Description  IPCMini Single Channel Ion Pump Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IPCMINI Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  IPCMINI Datasheet HTML 1Page - Agilent(Hewlett-Packard) IPCMINI Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPO
Innovation at your touch
The IPCMini Ion Pump Controller with intuitive 3.5” touch panel enables powering,
control, and monitoring of ion pumps ranging from 0.2 to 500 liters per second,
and ensures a completely new user experience.
• Touch Screen
• High current resolution (1nA) for accurate reading in the low pressure range
• New iSTEP voltage function improves start up in the low pressure range
• I/O response time <10 msec
• Front panel USB port for data acquisition
• ¼” Rack
• RS232/485 computer interface
IPCMini
Single Channel
Ion Pump Controller
Data Sheet
Specification
Specification
Input Voltage
100 - 240 Vac (+/-10 %)
Voltage measurement
Resolution 100 V (+/- 5 %)
Input Frequency
50/60 Hz
Current resolution
1nA
Input Power
160 VA
Ripple noise
20 V
Output HV Voltage
+/- 7000 Vdc +/- 5 %
Weight
1.9 Kg (4.2 lbs)
Output HV Short circuit current
20 mA
Installation Category
II
Output HV Power max
40 W
Max Altitude
2000 m
Operating temperature
0 °C to 45 °C
Pollution Degree
2
Storage temperature
-40 °C to +70 °C
Communications
RS232/485 standard
Ethernet optional
Compliance with:
EN 61010-1 2010: Safety requirements for electrical equipment for measurement, control and laboratory use
EN 61326-1 2013: Electrical equipment for measurement, control and laboratory use - EMC requirements (Cl. A)
Technical Specifications


Similar Part No. - IPCMINI

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
IPC HAMMOND-IPC Datasheet
145Kb / 3P
Armoire pour PC autoportante modulaire en acier doux de type 12
logo
Advantech Co., Ltd.
IPC-100-60SE ADVANTECH-IPC-100-60SE Datasheet
2Mb / 2P
1U Compact Fanless System with Intel짰 Atom??N450 on Board
IPC-120 ADVANTECH-IPC-120 Datasheet
637Kb / 2P
Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
IPC-120BP-00XE ADVANTECH-IPC-120BP-00XE Datasheet
526Kb / 2P
Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
IPC-120BP-00XE ADVANTECH-IPC-120BP-00XE Datasheet
637Kb / 2P
Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
More results

Similar Description - IPCMINI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
Single Cell Lithium-Ion Battery Charger Controller
logo
Fairchild Semiconductor
FAN7563 FAIRCHILD-FAN7563 Datasheet
81Kb / 14P
Lithium-Ion Charger Controller
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
2002-2013
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
logo
List of Unclassifed Man...
FS-410-10 ETC2-FS-410-10 Datasheet
60Kb / 1P
ION PUMP HIGH VOLTAGE CABLE
logo
THine Electronics, Inc.
THV3543 THINE-THV3543 Datasheet
360Kb / 19P
2 channel Buck/Boost 2 channel Charge Pump Controller
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
Positive charge pump controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com