Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9290708 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 9290708
Description  IPCMini Single Channel Ion Pump Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

9290708 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  9290708 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Controller selection
Part Numbers
IPCMini standard unit
IPCMini, 110/220V FISCHER HV, NEG
X3602-64000
IPCMini, 110/220V FISCHER HV, POS
X3602-64001
IPCMini, 24 VDC, FISCHER HV, NEG
X3602-64002
IPCMini, 24 VDC, FISCHER HV, POS
X3602-64003
IPCMini, 110/220V KING HV, NEG
X3602-64020
IPCMini, 110/220V KING HV, POS
X3602-64021
IPCMini, 24 VDC, KING HV, NEG
X3602-64022
IPCMini, 24 VDC, KING HV, POS
X3602-64023
IPCMini with Ethernet
IPCMini, 110/220V FISCHER HV, NEG, ETH
X3602-64010
IPCMini, 110/220V FISCHER HV, POS, ETH
X3602-64011
IPCMini, 24 VDC, FISCHER HV, NEG, ETH
X3602-64012
IPCMini, 24 VDC, FISCHER HV, POS, ETH
X3602-64013
IPCMini, 110/220V KING HV, NEG, ETH
X3602-64030
IPCMini, 110/220V KING HV, POS, ETH
X3602-64031
IPCMini, 24 VDC, KING HV, NEG, ETH
X3602-64032
IPCMini, 24 VDC, KING HV, POS, ETH
X3602-64033
Accessories
I/O ADAPTER MINIVAC/MICROVAC to IPCMini
X3602-68001
INTERLOCK ADAPTER IPCMini to Safeconn
X3602-68002
RS232 CABLE
X3602-68003
Power cord selection
Mains cable NEMA Plug. 3 mt (10 ft) long
9699958
Mains cable European Plug. 3 mt (10 ft) long
9699957
Power cord, China plug 10A
8121-0723
High Voltage Cables
Part Numbers
HV CABLE FOR MINIATURE PUMPS, 2.5 METER (8 ft.)
9240122
HV RADIATION RESISTANT CABLE, 4 METER (13ft).
Fischer - King
9290706
HV RADIATION RESISTANT CABLE, 4 METER (13ft).
Fischer - Fischer
9290705
HV RADIATION RESISTANT CABLE, 7 METER (23 ft.).
Fischer - Fischer
9290707
HV RADIATION RESISTANT CABLE, 10 METER (33 ft.).
Fischer - Fischer
9290708
HV RADIATION RESISTANT CABLE, 20 METER (66 ft.).
Fischer - Fischer
9290709
HV CABLE BAKEABLE, 4 METER (13ft.).
StarCell - Fischer
9290710
HV CABLE BAKEABLE, 4 METER (13 ft.),
Old Varian - Fischer
9290712
HV CABLE W/O INTERLOCK, SHV, 4 METER (13ft.).
SHV - Fischer
9290710M023
HV CABLE W/O INTERLOCK, SHV, 7 METER (23ft.).
SHV - Fischer
9290710M024
HV CABLE W/O INTERLOCK, SHV, 10  METER (33ft.).
SHV - Fischer
9290710M025
HV CABLE W/O INTERLOCK, SHV, 20 METER (66t.).
SHV - Fischer
9290710M024
Ordering Information
Version with King connector
NOTES
1
H
2
3
4
5
6
7
8
9
10
11
A2
G
F
E
D
C
B
A
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
THIS DOCUMENT AND ANY ASSOCIATED DATA
CONTAIN RESTRICTED INFORMATIONTHAT IS
AGILENTTECHNOLOGIES PROPERTY. ONLY
DISCLOSE OR DUPLICATE FOR OTHERS AS
AUTHORIZED BY AGILENTTECHNOLOGIES.
AGILENT RESTRICTED
>30
120
±0.8
±0.3
30
DIMENSION
DRAWN
REVISION
CHECKED
DATE
JOB ORDER
WELD CONSTR
NUMBER
POSITION
MACHINING
OTHER
±0.5
±0.2
>0
ANGLE ±
Ra (um):
2000
1000
315
CONCENTRICITY
PERPENDICULARITY
PARALLELISM
DRAWING No.
DRAWN
SIZE
DATE
±0.8
±1
±0.5
±2
±3
±1.2
±4
±2
CHECKED
REVISION
SCALE
:
:
:
>1000
>315
>120
>2000
CLASS
RoHS AND OTHER ENVIRONMENTAL
REQUIREMENTS PER 5951-1745-2.
+0,4
-0,2
ISO 13715
CAPPUZZO
25/05/2017
1:2
A2 X3602-90000
01
P
01
IPCMini OUTLINE
Dimensions are : mm [ inches ]
X3602-60100 / 60101
IPCMini UNIT ASSY FISCH H.V.
X3602-60102 / 60103
IPCMini UNIT ASSY 24V FISCH H.V.
X3602-60110 / 60111
IPCMini UNIT ASSY FISCH H.V. ETH
X3602-60112 / 60113
IPCMini UNIT ASSY 24V FISCH H.V. ETH
X3602-60120 / 60121
IPCMini UNIT ASSY KING H.V.
91.4
3.6
X3602-60122 / 60123
IPCMini UNIT ASSY 24V KING H.V.
X3602-60130 / 60131
IPCMini UNIT ASSY KING H.V. ETH
X3602-60132 / 60133
IPCMini UNIT ASSY 24V KING H.V. ETH
VERSION WITH CONN. H.V. KING
VERSION WITH CONN. H.V. FISCHER
245 [9.6]
27.7 [1.1] MAX
106.4 [4.2]
245 [9.6]
4.3 [0.2]
Version with Fischer connector
Dimensions: mm [inches]
NOTES
1
H
2
3
4
5
6
7
8
9
10
11
A2
G
F
E
D
C
B
A
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
THIS DOCUMENT AND ANY ASSOCIATED DATA
CONTAIN RESTRICTED INFORMATIONTHAT IS
AGILENTTECHNOLOGIES PROPERTY. ONLY
DISCLOSE OR DUPLICATE FOR OTHERS AS
AUTHORIZED BY AGILENTTECHNOLOGIES.
AGILENT RESTRICTED
>30
120
±0.8
±0.3
30
DIMENSION
DRAWN
REVISION
CHECKED
DATE
JOB ORDER
WELD CONSTR
NUMBER
POSITION
MACHINING
OTHER
±0.5
±0.2
>0
ANGLE ±
Ra (um):
2000
1000
315
CONCENTRICITY
PERPENDICULARITY
PARALLELISM
DRAWING No.
DRAWN
SIZE
DATE
±0.8
±1
±0.5
±2
±3
±1.2
±4
±2
CHECKED
REVISION
SCALE
:
:
:
>1000
>315
>120
>2000
CLASS
RoHS AND OTHER ENVIRONMENTAL
REQUIREMENTS PER 5951-1745-2.
+0,4
-0,2
ISO 13715
CAPPUZZO
25/05/2017
1:2
A2 X3602-90000
01
P
01
IPCMini OUTLINE
Dimensions are : mm [ inches ]
X3602-60100 / 60101
IPCMini UNIT ASSY FISCH H.V.
X3602-60102 / 60103
IPCMini UNIT ASSY 24V FISCH H.V.
X3602-60110 / 60111
IPCMini UNIT ASSY FISCH H.V. ETH
X3602-60112 / 60113
IPCMini UNIT ASSY 24V FISCH H.V. ETH
X3602-60120 / 60121
IPCMini UNIT ASSY KING H.V.
91.4
3.6
X3602-60122 / 60123
IPCMini UNIT ASSY 24V KING H.V.
X3602-60130 / 60131
IPCMini UNIT ASSY KING H.V. ETH
X3602-60132 / 60133
IPCMini UNIT ASSY 24V KING H.V. ETH
VERSION WITH CONN. H.V. KING
VERSION WITH CONN. H.V. FISCHER
245 [9.6]
27.7 [1.1] MAX
106.4 [4.2]
245 [9.6]
4.3 [0.2]
NOTES
1
H
2
3
4
5
6
7
8
9
10
11
A2
G
F
E
D
C
B
A
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
THIS DOCUMENT AND ANY ASSOCIATED DATA
CONTAIN RESTRICTED INFORMATIONTHAT IS
AGILENTTECHNOLOGIES PROPERTY. ONLY
DISCLOSE OR DUPLICATE FOR OTHERS AS
AUTHORIZED BY AGILENTTECHNOLOGIES.
AGILENT RESTRICTED
>30
120
±0.8
±0.3
30
DIMENSION
DRAWN
REVISION
CHECKED
DATE
JOB ORDER
WELD CONSTR
NUMBER
POSITION
MACHINING
OTHER
±0.5
±0.2
>0
ANGLE ±
Ra (um):
2000
1000
315
CONCENTRICITY
PERPENDICULARITY
PARALLELISM
DRAWING No.
DRAWN
SIZE
DATE
±0.8
±1
±0.5
±2
±3
±1.2
±4
±2
CHECKED
REVISION
SCALE
:
:
:
>1000
>315
>120
>2000
CLASS
RoHS AND OTHER ENVIRONMENTAL
REQUIREMENTS PER 5951-1745-2.
+0,4
-0,2
ISO 13715
CAPPUZZO
25/05/2017
1:2
A2 X3602-90000
01
P
01
IPCMini OUTLINE
Dimensions are : mm [ inches ]
X3602-60100 / 60101
IPCMini UNIT ASSY FISCH H.V.
X3602-60102 / 60103
IPCMini UNIT ASSY 24V FISCH H.V.
X3602-60110 / 60111
IPCMini UNIT ASSY FISCH H.V. ETH
X3602-60112 / 60113
IPCMini UNIT ASSY 24V FISCH H.V. ETH
X3602-60120 / 60121
IPCMini UNIT ASSY KING H.V.
91.4
3.6
X3602-60122 / 60123
IPCMini UNIT ASSY 24V KING H.V.
X3602-60130 / 60131
IPCMini UNIT ASSY KING H.V. ETH
X3602-60132 / 60133
IPCMini UNIT ASSY 24V KING H.V. ETH
VERSION WITH CONN. H.V. KING
VERSION WITH CONN. H.V. FISCHER
245 [9.6]
27.7 [1.1] MAX
106.4 [4.2]
245 [9.6]
4.3 [0.2]
www.agilent.com/chem/vacuum
United States
Agilent Technologies
121 Hartwell Avenue, Lexington MA 02421, USA
Toll free: +1 800 882 7426
vpl-customercare@agilent.com
Europe and other countries
Agilent Technologies Italia SpA
via F.lli Varian 54, 10040 Leini, (Torino), Italy
Toll free: 00 800 234 234 00
vpt-customercare@agilent.com
This information is subject to change without notice.
© Agilent Technologies, Inc. 2018
Printed in Italy, January 2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com