Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST5X20 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FST5X20
Description  Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST5X20 Datasheet(HTML) 1 Page - Schurter Inc.

  FST5X20 Datasheet HTML 1Page - Schurter Inc. FST5X20 Datasheet HTML 2Page - Schurter Inc. FST5X20 Datasheet HTML 3Page - Schurter Inc. FST5X20 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuses
FST 5x20
https://www.schurter.com /PG01_2
Fuses
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
See below:
Approvals and Compliances
IEC 60127-2 · 250VAC · Time-Lag T
Description
- IEC Standard Fuse
- L = Low Breaking Capacity (Glass Tube)
Applications
- Primary Protection in Equipment
References
Pigtail Type FST 5x20 Pigtail
Assembled Fuseholder OGN-SMD
Fuse Kit Fuse Kit FST 5x20; Fuse Kit FST 5x20 / SP 5x20
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product
Application Note Primary Protection in Equipmentwith further information on increased Pulse Strength and their test conditions according to inter-
national standards see Impulse Withstand Voltage
Technical Data
Rated Voltage
250 VAC
Rated current
0.05 - 20 A
Breaking Capacity
35 A - 200 A
Characteristic
Time-Lag T
Admissible Ambient Air Temp. -55 °C to 125 °C
Climatic Category
55/125/21 acc. to IEC 60068-1
Material: Tube
Glass
Material: Endcaps
Nickel-Plated Copper Alloy
Unit Weight
1 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Rated current, Rated Voltage, Cha-
racteristic, Breaking Capacity, Approvals
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FST 5x20
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40016601
VDE Approvals
VDE
VDE Certificate Number:
UL Approvals
UL
UL File Number: E41599
CQC Approvals
CQC
CCC Certificate Number:
CQC Approvals
CQC
CCC Certificate Number:
METI Approvals
METI
Japan Electrical Safety and Environment technology Laboratories


Similar Part No. - FST5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST5X20 SCHURTER-FST5X20 Datasheet
349Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20 SCHURTER-FST5X20 Datasheet
221Kb / 2P
Fuse Kit Miniature Fuse FST 5x20 / SP 5x20
04.01.2022
FST5X20 SCHURTER-FST5X20 Datasheet
349Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
314Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
326Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
More results

Similar Description - FST5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
20100011 SCHURTER-20100011 Datasheet
285Kb / 2P
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSL5X20 SCHURTER-FSL5X20 Datasheet
181Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSU5X20 SCHURTER-FSU5X20 Datasheet
207Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V01 Datasheet
254Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FST5X20 SCHURTER-FST5X20_V01 Datasheet
349Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
FSL5X20 SCHURTER-FSL5X20_V02 Datasheet
254Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
04.01.2022
FSU5X20 SCHURTER-FSU5X20_V01 Datasheet
217Kb / 3P
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
17.10.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com