Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069GE Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1069GE
Description  16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069GE Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1069GE Datasheet HTML 6Page - Cypress Semiconductor CY7C1069GE Datasheet HTML 7Page - Cypress Semiconductor CY7C1069GE Datasheet HTML 8Page - Cypress Semiconductor CY7C1069GE Datasheet HTML 9Page - Cypress Semiconductor CY7C1069GE Datasheet HTML 10Page - Cypress Semiconductor CY7C1069GE Datasheet HTML 11Page - Cypress Semiconductor CY7C1069GE Datasheet HTML 12Page - Cypress Semiconductor CY7C1069GE Datasheet HTML 13Page - Cypress Semiconductor CY7C1069GE Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Document Number: 001-81539 Rev. *J
Page 10 of 20
CY7C1069G
CY7C1069GE
AC Switching Characteristics
Over the Operating Range of –40
C to 85 C
Parameter [16]
Description
10 ns
15 ns
Unit
Min
Max
Min
Max
Read Cycle
tPOWER
VCC stable to first access [17, 18]
100.0
–
100.0
–
s
tRC
Read cycle time
10.0
–
15.0
–
ns
tAA
Address to data / ERR valid
–
10.0
–
15.0
ns
tOHA
Data / ERR hold from address change
3.0
–
3.0
–
ns
tACE
CE LOW to data / ERR valid [19]
–
10.0
–
15.0
ns
tDOE
OE LOW to data / ERR valid
–
5.0
–
8.0
ns
tLZOE
OE LOW to low Z [20, 21, 22]
0–
1.0
–
ns
tHZOE
OE HIGH to high Z [20, 21, 22]
–
5.0
–
8.0
ns
tLZCE
CE LOW to low Z [19, 20, 21, 22]
3.0–
3.0–
ns
tHZCE
CE HIGH to high Z [19, 20, 21, 22]
–
5.0
–
8.0
ns
tPU
CE LOW to power-up [18, 19]
0
–0–
ns
tPD
CE HIGH to power-down [18, 19]
–
10.0
–
15.0
ns
Write Cycle [23, 24]
tWC
Write cycle time
10.0
–
15.0
–
ns
tSCE
CE LOW to write end [19]
7.0
–
12.0
–
ns
tAW
Address setup to write end
7.0
–
12.0
–
ns
tHA
Address hold from write end
0–
0
–
ns
tSA
Address setup to write start
0
–
0
–
ns
tPWE
WE pulse width
7.0
–
12.0
–
ns
tSD
Data setup to write end
5.0
–
8.0
–
ns
tHD
Data hold from write end
0
–
0
–
ns
tLZWE
WE HIGH to low Z [20, 21, 22]
3.0–
3.0–
ns
tHZWE
WE LOW to high Z [20, 21, 22]
–
5.0
–
8.0
ns
Notes
16. Test conditions assume signal transition time (rise/fall) of 3 ns or less, timing reference levels of 1.5 V (for VCC > 3 V) and VCC/2 (for VCC < 3 V), and input pulse levels
of 0 to 3 V (for VCC > 3 V) and 0 to VCC (for VCC < 3V). Test conditions for the read cycle use output loading shown in part (a) of Figure 5 on page 8, unless specified otherwise.
17. tPOWER gives minimum amount of time that the power supply is at stable VCC until first memory access is performed.
18. These parameters are guaranteed by design and are not tested.
19. For all dual chip enable devices, CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW,
CE is HIGH.
20. tHZOE, tHZCE, tHZWE, tLZOE, tLZCE, and tLZWE are specified with a load capacitance of 5 pF as in (b) of Figure 5 on page 8. Transition is measured 200 mV from steady state voltage.
21. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
22. Tested initially and after any design or process changes that may affect these parameters.
23. The internal write time of the memory is defined by the overlap of WE = VIL, CE = VIL. These signals must be LOW to initiate a write, and the HIGH transition of any
of these signals can terminate the operation. The input data setup and hold timing should be referenced to the edge of the signal that terminates the write.
24. The minimum write pulse width for write cycle No.2 (WE Controlled, OE LOW) should be sum of tHZWE and tSD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com