Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-RDS3T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95160-RDS3T
Description  16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-RDS3T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95160-RDS3T Datasheet HTML 6Page - STMicroelectronics M95160-RDS3T Datasheet HTML 7Page - STMicroelectronics M95160-RDS3T Datasheet HTML 8Page - STMicroelectronics M95160-RDS3T Datasheet HTML 9Page - STMicroelectronics M95160-RDS3T Datasheet HTML 10Page - STMicroelectronics M95160-RDS3T Datasheet HTML 11Page - STMicroelectronics M95160-RDS3T Datasheet HTML 12Page - STMicroelectronics M95160-RDS3T Datasheet HTML 13Page - STMicroelectronics M95160-RDS3T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
M95160, M95080
10/40
Status Register
Figure 6. shows the position of the Status Register
in the control logic of the device. The Status Reg-
ister contains a number of status and control bits
that can be read or set (as appropriate) by specific
instructions.
WIP bit. The Write In Progress (WIP) bit indicates
whether the memory is busy with a Write or Write
Status Register cycle.
WEL bit. The Write Enable Latch (WEL) bit indi-
cates the status of the internal Write Enable Latch.
BP1, BP0 bits. The Block Protect (BP1, BP0) bits
are non-volatile. They define the size of the area to
be software protected against Write instructions.
SRWD bit. The Status Register Write Disable
(SRWD) bit is operated in conjunction with the
Write Protect (W) signal. The Status Register
Write Disable (SRWD) bit and Write Protect (W)
signal allow the device to be put in the Hardware
Protected mode. In this mode, the non-volatile bits
of the Status Register (SRWD, BP1, BP0) become
read-only bits.
Table 3. Status Register Format
Data Protection and Protocol Control
Non-volatile memory devices can be used in envi-
ronments that are particularly noisy, and within ap-
plications that could experience problems if
memory bytes are corrupted. Consequently, the
device features the following data protection
mechanisms:
Write and Write Status Register instructions
are checked that they consist of a number of
clock pulses that is a multiple of eight, before
they are accepted for execution.
All instructions that modify data must be
preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch
(WEL) bit. This bit is returned to its reset state
by the following events:
Power-up
Write Disable (WRDI) instruction
completion
Write Status Register (WRSR) instruction
completion
Write (WRITE) instruction completion
The Block Protect (BP1, BP0) bits allow part of
the memory to be configured as read-only.
This is the Software Protected Mode (SPM).
The Write Protect (W) signal allows the Block
Protect (BP1, BP0) bits to be protected. This is
the Hardware Protected Mode (HPM).
For any instruction to be accepted, and executed,
Chip Select (S) must be driven High after the rising
edge of Serial Clock (C) for the last bit of the in-
struction, and before the next rising edge of Serial
Clock (C).
Two points need to be noted in the previous sen-
tence:
The ‘last bit of the instruction’ can be the
eighth bit of the instruction code, or the eighth
bit of a data byte, depending on the instruction
(except for Read Status Register (RDSR) and
Read (READ) instructions).
The ‘next rising edge of Serial Clock (C)’ might
(or might not) be the next bus transaction for
some other device on the SPI bus.
Table 4. Write-Protected Block Size
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status Register Write Protect
Block Protect Bits
Write Enable Latch Bit
Write In Progress Bit
Status Register Bits
Protected Block
Array Addresses Protected
BP1
BP0
M95160
M95080
0
0
none
none
none
0
1
Upper quarter
0600h - 07FFh
0300h - 03FFh
1
0
Upper half
0400h - 07FFh
0200h - 03FFh
1
1
Whole memory
0000h - 07FFh
0000h - 03FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com