Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008B3 Datasheet(PDF) 13 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 9Page - Intel Corporation 28F008B3 Datasheet HTML 10Page - Intel Corporation 28F008B3 Datasheet HTML 11Page - Intel Corporation 28F008B3 Datasheet HTML 12Page - Intel Corporation 28F008B3 Datasheet HTML 13Page - Intel Corporation 28F008B3 Datasheet HTML 14Page - Intel Corporation 28F008B3 Datasheet HTML 15Page - Intel Corporation 28F008B3 Datasheet HTML 16Page - Intel Corporation 28F008B3 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
13
PRELIMINARY
3.1.1
READ
The flash memory has four read modes available:
read array, read identifier, read status and read
query. These modes are accessible independent of
the VPP voltage. The appropriate Read Mode
command must be issued to the CUI to enter the
corresponding mode. Upon initial device power
-up
or after exit from reset, the device automatically
defaults to read array mode.
CE# and OE# must be driven active to obtain data
at the outputs. CE# is the device selection control;
when active it enables the flash memory device.
OE# is the data output control and it drives the
selected memory data onto the I/O bus. For all read
modes, WE# and RP# must be at VIH. Figure 7
illustrates a read cycle.
3.1.2
OUTPUT DISABLE
With OE# at a logic
-high level (VIH), the device
outputs are disabled. Output pins are placed in a
high
-impedance state.
3.1.3
STANDBY
Deselecting the device by bringing CE# to a logic
-
high level (VIH) places the device in standby mode,
which
substantially
reduces
device
power
consumption without any latency for subsequent
read accesses. In standby, outputs are placed in a
high-impedance state independent
of
OE#.
If
deselected during program or erase operation, the
device continues to consume active power until the
program or erase operation is complete.
3.1.4
DEEP POWER-DOWN / RESET
From read mode, RP# at VIL for time tPLPH
deselects the memory, places output drivers in a
high
-impedance state, and turns off all internal
circuits. After return from reset, a time tPHQV is
required until the initial read access outputs are
valid. A delay (tPHWL or tPHEL) is required after
return from reset before a write can be initiated.
After this wake
-up interval, normal operation is
restored. The CUI resets to read array mode, and
the status register is set to 80H. This case is shown
in Figure 9A.
If RP# is taken low for time tPLPH during a program
or erase operation, the operation will be aborted
and the memory contents at the aborted location
(for a program) or block (for an erase) are no longer
valid, since the data may be partially erased or
written. The abort process goes through the
following sequence: When RP# goes low, the
device shuts down the operation in progress, a
process which takes time tPLRH to complete. After
this time tPLRH, the part will either reset to read
array mode (if RP# has gone high during tPLRH,
Figure 9B) or enter reset mode (if RP# is still logic
low after tPLRH, Figure 9C). In both cases, after
returning from an aborted operation, the relevant
time tPHQV or tPHWL/tPHEL must be waited before a
read or write operation is initiated, as discussed in
the previous paragraph. However, in this case,
these delays are referenced to the end of tPLRH
rather than when RP# goes high.
As with any automated device, it is important to
assert RP# during system reset. When the system
comes out of reset, processor expects to read from
the flash memory. Automated flash memories
provide
status
information
when
read
during
program or block erase operations. If a CPU reset
occurs with no flash memory reset, proper CPU
initialization may not occur because the flash
memory
may
be
providing
status
information
instead of array data. Intel’s Flash memories allow
proper CPU initialization following a system reset
through the use of the RP# input. In this application,
RP# is controlled by the same RESET# signal that
resets the system CPU.
3.1.5
WRITE
A write takes place when both CE# and WE# are
low and OE# is high. Commands are written to the
Command User Interface (CUI) using standard
microprocessor
write
timings
to
control
flash
operations.
The
CUI
does
not
occupy
an
addressable memory location. The address and
data buses are latched on the rising edge of the
second WE# or CE# pulse, whichever occurs first.
Figure 8 illustrates a program and erase operation.
The available commands are shown in Table 6, and
Appendix
A
provides
detailed
information
on
moving between the different modes of operation
using CUI commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com