Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS114 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS114
Description  Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS114 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54LS114 Datasheet HTML 1Page - National Semiconductor (TI) 54LS114 Datasheet HTML 2Page - National Semiconductor (TI) 54LS114 Datasheet HTML 3Page - National Semiconductor (TI) 54LS114 Datasheet HTML 4Page - National Semiconductor (TI) 54LS114 Datasheet HTML 5Page - National Semiconductor (TI) 54LS114 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
54LS
b
55 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
54LS114
Units
Min
Nom
Max
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
07
V
IOH
High Level Output Current
b
04
mA
IOL
Low Level Output Current
4
mA
TA
Free Air Operating Temperature
b
55
125
C
ts (H)
Setup Time
20
ns
ts (L)
Jn or Kn to CP
20
th (H)
Hold Time
0
ns
th (L)
Jn or Kn to CP
0
tw (H)
CP Pulse Width
20
ns
tw (L)
15
tw
CDorSDn Pulse Width
15
ns
Electrical Characteristics Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max
25
V
VIL e Max
VOL
Low Level Output Voltage
VCC e Min IOL e Max
04
V
VIH e Min
05
II
Input Current
Max
VCC e Max VI e 10V Jn Kn Inputs
01
mA
Input Voltage
SD1 SD2 Inputs
03
mA
CD Input
06
mA
CP Input
08
mA
IIH
High Level Input Current
VCC e Max VI e 27V Jn Kn Inputs
20
m
A
SD1 SD2 Inputs
60
m
A
CD Input
120
m
A
CP Input
160
m
A
Note 1
All typicals are at VCC e 5V TA e 25 C
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com