Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

240U080D Datasheet(PDF) 2 Page - International Rectifier

Part # 240U080D
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

240U080D Datasheet(HTML) 2 Page - International Rectifier

  240U080D Datasheet HTML 1Page - International Rectifier 240U080D Datasheet HTML 2Page - International Rectifier 240U080D Datasheet HTML 3Page - International Rectifier 240U080D Datasheet HTML 4Page - International Rectifier 240U080D Datasheet HTML 5Page - International Rectifier 240U080D Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
240U(R).. Series
2
www.irf.com
Bulletin I2029 rev. D 09/03
Voltage
V
RRM , maximum repetitive
V
RSM , maximum non-
I
RRM max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J = TJ max.
VV
mA
60
600
700
240U(R)..
80
800
900
15
100
1000
1100
120
1200
1300
T
J
Max.junctionoperatingtemperaturerange
-40 to 180
Tstg
Max. storage temperature range
-40 to 180
RthJC Max.thermalresistance,junctiontocase
0.18
DC operation
RthCS Max.thermalresistance,casetoheatsink
0.08
Mounting surface, smooth, flat and greased
T
Max. allowed mounting torque +0 -20%
37 (330)
Not lubricated threads
28 (250)
Lubricated threads
wt
Approximate weight
250
g
Case style
DO-205AB (DO-9)
SeeOutline Table
Parameter
240U(R)..
Units Conditions
Thermal and Mechanical Specifications
°C
K/W
Nm
(lb.in)
∆RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
180°
0.019
0.015
T
J = TJ max.
120°
0.023
0.025
90°
0.030
0.034
60°
0.045
0.047
30°
0.076
0.076
Conduction angle Sinusoidal conduction Rectangular conduction Units
Conditions
K/W
I
F(AV)
Max. average forward current
320
A
180° conduction, half sine wave
@ Case temperature
100
°C
I
F(RMS) Max. RMS forward current
500
A
DC @ 80°C case temperature
I
FSM
Max. peak, one-cycle forward,
4500
t = 10ms
No voltage
non-repetitive surge current
4700
t = 8.3ms
reapplied
3800
t = 10ms
100% V
RRM
4000
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
101
t = 10ms
No voltageInitial T
J = TJ max.
92
t = 8.3ms
reapplied
72
t = 10ms
100% V
RRM
66
t = 8.3ms
reapplied
I2√t
Maximum I2√t for fusing
1010
KA2√s
t = 0.1 to 10ms, no voltage reapplied
r
f
Slope resistance
0.6
mΩ
@ T
J = TJ max.
VF(T0) Threshold voltage
0.83
V
VFM
Max. forward voltage drop
1.33
V
Ipk= 750A, TJ = 25°C, tp = 10ms sinusoidal wave
Parameter
240U(R)..
Units Conditions
Forward Conduction
KA2s
A
ELECTRICAL SPECIFICATIONS
Voltage Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com