Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST5X20PIGTAIL Datasheet(PDF) 3 Page - Schurter Inc.

Part # FST5X20PIGTAIL
Description  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST5X20PIGTAIL Datasheet(HTML) 3 Page - Schurter Inc.

  FST5X20PIGTAIL Datasheet HTML 1Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 2Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 3Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuses
FST 5x20 Pigtail
https://www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
0.02–0.1 A
0.125–20 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.05
250
1)
3500
950
1600
125
0.0363
l
0034.3104.PT
0.05
250
1)
3500
950
1600
125
0.0363
l
0034.3104.TR
0.063
250
1)
3000
1300
1600
200
0.0401
l
0034.3105.PT
0.063
250
1)
3000
1300
1600
200
0.0401
l
0034.3105.TR
0.08
250
1)
3000
1100
1600
300
0.057
l
0034.3106.PT
0.08
250
1)
3000
1100
1600
300
0.057
l
0034.3106.TR
0.1
250
1)
2500
565
1600
155
0.107
l
0034.3107.PT
0.1
250
1)
2500
565
1600
155
0.107
l
0034.3107.TR
0.125
250
1)
2000
400
1600
200
0.064
l
0034.3108.PT
0.125
250
1)
2000
400
1600
200
0.064
l
0034.3108.TR
0.16
250
1)
1900
415
1600
185
0.23
l
0034.3109.PT
0.16
250
1)
1900
415
1600
185
0.23
l
0034.3109.TR
0.2
250
1)
1500
270
1600
200
0.256
l
0034.3110.PT
0.2
250
1)
1500
270
1600
200
0.256
l
0034.3110.TR
0.25
250
1)
1300
210
1600
200
0.238
l
0034.3111.PT
0.25
250
1)
1300
210
1600
200
0.238
l
0034.3111.TR
0.315
250
1)
1100
170
1600
200
0.544
l
0034.3112.PT
0.315
250
1)
1100
170
1600
200
0.544
l
0034.3112.TR
0.4
250
1)
1000
150
1600
200
0.768
l
0034.3113.PT
0.4
250
1)
1000
150
1600
200
0.768
l
0034.3113.TR
0.5
250
1)
900
160
1600
200
3
l
0034.3114.PT
0.5
250
1)
900
160
1600
200
3
l
0034.3114.TR
0.63
250
1)
300
160
1600
300
4.35
l
0034.3115.PT
0.63
250
1)
300
160
1600
300
4.35
l
0034.3115.TR
0.8
250
1)
250
120
1600
300
3.85
l
0034.3116.PT
0.8
250
1)
250
120
1600
300
3.85
l
0034.3116.TR
1
250
1)
150
60
1600
200
3.3
l
0034.3117.PT
1
250
1)
150
60
1600
200
3.3
l
0034.3117.TR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com