Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF Datasheet(PDF) 2 Page - Schurter Inc.

Part # HCF
Description  Solid State, Thin Film, SMD 3220 Fuse for High Current Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

HCF Datasheet(HTML) 2 Page - Schurter Inc.

  HCF Datasheet HTML 1Page - Schurter Inc. HCF Datasheet HTML 2Page - Schurter Inc. HCF Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuses
HCF
https://www.schurter.com /PG01_2
Fuses
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
Halogen Free
SCHURTER AG
SCHURTER strives to offer our customers halogen free products.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
8.05
2.15
3.8
4.2
Derating Curves
140
130
120
110
100
90
80
70
60
50
40
-60
-40
-20
0
20
40
60
80
100 120 140 160
23
Ambient Temperature [°C]
Pre-Arcing Time
Rated Current In
1.25 x In min.
2.5 x In min.
2.5 x In max.
4.0 x In min.
4.0 x In max.
6.0 x In min.
6.0 x In max. 10.0 x In min. 10.0 x In max.
5 A - 15 A
> 1 h
10 ms
10 s
2 ms
50 ms
1 ms
10 ms
0.1 ms
2 ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com