Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F243FCQB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F243FCQB
Description  Quad Bus Transceiver with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F243FCQB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F243FCQB Datasheet HTML 1Page - National Semiconductor (TI) 74F243FCQB Datasheet HTML 2Page - National Semiconductor (TI) 74F243FCQB Datasheet HTML 3Page - National Semiconductor (TI) 74F243FCQB Datasheet HTML 4Page - National Semiconductor (TI) 74F243FCQB Datasheet HTML 5Page - National Semiconductor (TI) 74F243FCQB Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
E1
Enable Input (Active LOW)
10167
20 mA b1mA
E2
Enable Input (Active HIGH)
10167
20 mA b1mA
An Bn
Inputs
35267
70 mA b16 mA
Outputs
6001066(80) b12 mA64 mA(48 mA)
Truth Table
Inputs
InputsOutputs
E1
E2
An
Bn
H e HIGH Voltage Level
L e LOW Voltage Level
L
L
Input
B e A
Z e High Impedance
NA e Not Allowed
L
H
NA
NA
HL
Z
Z
HH
A e B
Input
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com