Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4154BCP Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4154BCP
Description  Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCP Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4154BCP Datasheet HTML 12Page - Analog Devices ADF4154BCP Datasheet HTML 13Page - Analog Devices ADF4154BCP Datasheet HTML 14Page - Analog Devices ADF4154BCP Datasheet HTML 15Page - Analog Devices ADF4154BCP Datasheet HTML 16Page - Analog Devices ADF4154BCP Datasheet HTML 17Page - Analog Devices ADF4154BCP Datasheet HTML 18Page - Analog Devices ADF4154BCP Datasheet HTML 19Page - Analog Devices ADF4154BCP Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADF4154
Rev. 0 | Page 16 of 20
RF Charge Pump Three-State
This bit puts the charge pump into three-state mode when
programmed to 1. It should be set to 0 for normal operation.
RF Power-Down
DB4 on the ADF4154 provides the programmable power-down
mode. Setting Bit DB4 to 1 powers down the device. Setting
Bit DB4 to 0 returns the synthesizer to normal operation. While
in software power-down mode, the part retains all information
in its registers. Only when supplies are removed are the register
contents lost.
When a power-down is activated, the following events occur:
1.
All active dc current paths are removed.
2.
The synthesizer counters are forced to their load
state conditions.
3.
The charge pump is forced into three-state mode.
4.
The digital lock detect circuitry is reset.
5.
The RFIN input is de-biased.
6.
The input register remains active and capable of loading
and latching data.
Lock Detect Precision (LDP)
When the LDP bit is programmed to 0, 24 consecutive reference
cycles of 15 ns must occur before the digital lock detect is set.
When this bit is programmed to 1, 40 consecutive reference
cycles of 15 ns must occur before digital lock detect is set.
Phase Detector Polarity
DB6 in the ADF4154 sets the phase detector polarity. When the
VCO characteristics are positive, this should be set to 1. When
they are negative, it should be set to 0.
Charge Pump Current Setting
DB7, DB8, DB9, and DB10 set the charge pump current, which
should be set according to the loop filter design (see Table 10).
REFIN Doubler
Setting the REFIN bit to 0 feeds the REFIN signal directly to the
4-bit RF R counter, which disables the doubler. Setting the REFIN
bit to 1 multiplies the REFIN frequency by a factor of 2 before
feeding into the 4-bit R counter. When the doubler is disabled,
the REFIN falling edge is the active edge at the PFD input to the
fractional synthesizer. When the doubler is enabled, both the
rising and falling edges of REFIN become active edges at the
PFD input.
When the doubler is enabled and the lowest spur mode is
chosen, the in-band phase noise performance is sensitive to the
REFIN duty cycle. The phase noise degradation can be as much
as 5 dB for the REFIN duty cycles outside a 45% to 55% range.
The phase noise is insensitive to the REFIN duty cycle in the
lowest noise mode and in the lowest noise and spur mode. The
phase noise is insensitive to the REFIN duty cycle when the
doubler is disabled.
NOISE AND SPUR REGISTER, R3
The on-chip noise and spur register is programmed by setting
R3[1, 0] to [1, 1]. Table 7 shows the input data format for
programming this register.
Noise and Spur Mode
Noise and spur mode allows the user to optimize a design either
for improved spurious performance or for improved phase
noise performance. When the lowest spur setting is chosen,
dither is enabled. This randomizes the fractional quantization
noise so that it looks more like white noise rather than spurious
noise. This means that the part is optimized for improved
spurious performance. This operation would normally be used
when the PLL closed-loop bandwidth is wide for fast-locking
applications. A wide-loop bandwidth is seen as a loop
bandwidth greater than 1/10 of the RFOUT channel step
resolution (fRES). A wide-loop filter does not attenuate the spurs
to a level that a narrow-loop bandwidth would. When the low
noise and spur setting is enabled, dither is disabled. This
optimizes the synthesizer to operate with improved noise
performance. However, the spurious performance is degraded
in this mode compared to the lowest spurs setting. To further
improve noise performance, the lowest noise setting option can
be used, which reduces the phase noise. As well as disabling the
dither, it ensures that the charge pump operates in an optimum
region for noise performance. This setting is extremely useful
where a narrow-loop filter bandwidth is available. The
synthesizer ensures extremely low noise and the filter attenuates
the spurs. The typical performance characteristics give the user
an idea of the trade-off in a typical WCDMA setup for the
different noise and spur settings.
RESERVED BITS
These bits should be set to 0 for normal operation.
RF SYNTHESIZER: A WORKED EXAMPLE
This equation governs how the synthesizer should be
programmed.
RFOUT
= [INT + (FRAC/MOD)] × [FPFD]
(3)
where:
RFOUT
is the RF frequency output.
INT
is the integer division factor.
FRAC
is the fractionality.
MOD
is the modulus.
FPFD
= [REFIN × (1 = D)/R]
(4)
where:
REFIN
is the reference frequency input.
D
is the RF REFIN doubler bit.
R
is the RF reference division factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com