Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8611LABKS-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADM8611LABKS-RL
Description  Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8611LABKS-RL Datasheet(HTML) 4 Page - Analog Devices

  ADM8611LABKS-RL Datasheet HTML 1Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 2Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 3Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 4Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 5Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 6Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ADM8611/ADM8616/ADM8617/ADM8618
Preliminary Technical Data
Rev. PrB | Page 4 of 7
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
1
ADM861x
RESET/RESET
GND
VCC
MR/WDI 2
4
3
TOP VIEW
(Not to Scale)
Table 4. Pin Functional Descriptions
Pin No.
Name
Description
1
RESET (ADM8616/ADM8617)
Active-Low Reset Output, which is asserted whenever VCC is below the reset.threshold, VTH.
Push-Pull Output Stage for ADM8616.
Open-Drain Output Stage for ADM8617.
RESET (ADM8618)
Active-High, Push-Pull Reset Output.
2
MR (ADM8611)
Manual Reset Input. This is an active-low input which, when forced low for at least 1µs,
generates a reset.
Features a 52k
internal pull-up.
WDI
(ADM8616/ADM8617/ADM8618)
Watchdog Input. Generates a reset if the logic level on the pin remains low or high for the
duration of the watchdog timeout. The timer is cleared if a logic transition occurs on this
pin or if a reset is generated. Leave floating to disable the watchdog timer.
3
GND
Ground
4
VCC
Power Supply Voltage being Monitored.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com