Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEACWUWVS2W Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LEACWUWVS2W
Description  OSRAM OSTAR Medical
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEACWUWVS2W Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LEACWUWVS2W Datasheet HTML 8Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 9Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 10Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 11Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 12Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 13Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 14Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 15Page - OSRAM GmbH LEACWUWVS2W Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Version 1.5 (not for new design)
LE ACWUWV S2W
2017-06-26
12
Relative Vorwärtsspannung
2) Seite 23
Relative Forward Voltage
2) page 23
A - amber
∆V
F = VF - VF(25 °C) = f(TJ); IF= 700 mA
Relative Vorwärtsspannung
2) Seite 23
Relative Forward Voltage
2) page 23
CW - warm white; UW - white
∆V
F = VF - VF(25 °C) = f(TJ); IF= 700 mA
Relative Vorwärtsspannung
2) Seite 23
Relative Forward Voltage
2) page 23
V - verde
∆V
F = VF - VF(25 °C) = f(TJ); IF= 700 mA
-40
-0.15
˚C
Tj
OHL04417
V
F
V
∆
-20
0
20 40 60 80
120
-0.10
-0.05
0
0.05
0.10
0.15
0.25
LE CWUW S2W (UW)
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,20
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
∆VF [V]
LE V Q9WN
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com