Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LERTDUWS2WP Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LERTDUWS2WP
Description  OSRAM OSTAR Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDUWS2WP Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LERTDUWS2WP Datasheet HTML 10Page - OSRAM GmbH LERTDUWS2WP Datasheet HTML 11Page - OSRAM GmbH LERTDUWS2WP Datasheet HTML 12Page - OSRAM GmbH LERTDUWS2WP Datasheet HTML 13Page - OSRAM GmbH LERTDUWS2WP Datasheet HTML 14Page - OSRAM GmbH LERTDUWS2WP Datasheet HTML 15Page - OSRAM GmbH LERTDUWS2WP Datasheet HTML 16Page - OSRAM GmbH LERTDUWS2WP Datasheet HTML 17Page - OSRAM GmbH LERTDUWS2WP Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Version 1.1
LE RTDUW S2WP
2018-01-03
14
Relative Lichtstrom
1) 2) Seite 24
Relative Luminous Flux
1) 2) page 24
Φ
V/ΦV(25 °C) = f (Tj); IF = 1400 mA; red
Relative Lichtstrom
1) 2) Seite 24
Relative Luminous Flux
1) 2) page 24
Φ
V/ΦV(25 °C) = f (Tj); IF = 1400 mA; true green
Relative Lichtstrom
1) 2) Seite 24
Relative Luminous Flux
1) 2) page 24
Φ
E/ΦE(25 °C) = f (Tj); IF = 1400 mA; deep blue
Relative Lichtstrom
1) 2) Seite 24
Relative Luminous Flux
1) 2) page 24
Φ
V/ΦV(25 °C) = f (Tj); IF = 1400 mA; ultra white
LE RTDUW S2WP
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φ
v
Φ
v(25°C)
: red
LE RTDUW S2WP
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
: true green
LE RTDUW S2WP
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
E
Φ
E (25°C)
: deep blue
LE RTDUW S2WP
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
: ultra white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com