Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBMB-YS Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LBMB-YS
Description  OSRAM OSTAR Stage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBMB-YS Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LBMB-YS Datasheet HTML 2Page - OSRAM GmbH LBMB-YS Datasheet HTML 3Page - OSRAM GmbH LBMB-YS Datasheet HTML 4Page - OSRAM GmbH LBMB-YS Datasheet HTML 5Page - OSRAM GmbH LBMB-YS Datasheet HTML 6Page - OSRAM GmbH LBMB-YS Datasheet HTML 7Page - OSRAM GmbH LBMB-YS Datasheet HTML 8Page - OSRAM GmbH LBMB-YS Datasheet HTML 9Page - OSRAM GmbH LBMB-YS Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
2018-01-03
6
Version 1.1
LE RTDCY S2WN
Farbortgruppen
3) Seite 25
Chromaticity coordinate groups
3) page 25 ; converted yellow
Gruppe
Group
Cx
Cy
YS
0.554
0.413
0.565
0.424
0.577
0.410
0.565
0.400
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: KB-1+LB-3+VI-3+MB-CQ
Example: KB-1+LB-3+VI-3+MB-CQ
Emissionsfarbe
Color of Emission
Helligkeitsgruppe
Brightness Group
Wellenlänge
Wavelength
Farbort
color coordinate
red
KB
1
true green
LB
3
deep blue
VI
3
converted yellow
MA
YS
Anm.:
In einer Verpackungseinheit ist immer nur eine Gruppe für jede Selektion enthalten.
Note:
No packing unit ever contains more than one group for each selection.
0,0
0,2
0,4
0,6
Cx
0,555
0,560
0,565
0,570
0,575
Cx
0,0
0,2
0,4
0,6
0,8
Cy
0,400
0,405
0,410
0,415
0,420
0,425
Cy
400 -
380 nm
500 nm
550 nm
600 nm
700 -
750 nm
Y S
2000 K
3000 K
4000 K
5000 K
6500 K
10000 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com