Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTG5AP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LTG5AP
Description  Advanced Power TOPLED Plus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTG5AP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LTG5AP Datasheet HTML 5Page - OSRAM GmbH LTG5AP Datasheet HTML 6Page - OSRAM GmbH LTG5AP Datasheet HTML 7Page - OSRAM GmbH LTG5AP Datasheet HTML 8Page - OSRAM GmbH LTG5AP Datasheet HTML 9Page - OSRAM GmbH LTG5AP Datasheet HTML 10Page - OSRAM GmbH LTG5AP Datasheet HTML 11Page - OSRAM GmbH LTG5AP Datasheet HTML 12Page - OSRAM GmbH LTG5AP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LD G5AP, LT G5AP
2012-04-12
9
Relative Vorwärtsspannung
2) Seite 19
Relative Forward Voltage2) page 19
∆V
F = VF - VF(25 °C) = f (Tj); IF = 100 mA
Relative Lichtstärke2)
Seite 19
Relative Luminous Intensity
2) page 19
I
V/IV(25 °C) = f (Tj); IF = 100 mA
Relative Strahlstärke2)
Seite 19
Relative Radiant Intensity
2) page 19
I
E/IE(25 °C) = f (Tj); IF = 100 mA
-60
-0.4
˚C
Tj
OHL03798
V
F
V
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.5
-20
20
60
100
140
80
40
0
-40
true green
deep blue
0.80
Tj
OHL03801
˚C
-40 -20
0
20 40 60 80
120
0.85
0.90
1.00
1.05
1.10
1.20
0.95
I (25 ˚C)
V
V
I
0.80
Tj
OHL03795
˚C
-40
0.85
0.90
0.95
1.00
1.10
-20
0
20 40 60 80
120
I (25 ˚C)
E
E
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com