Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT76C505A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT76C505A
Description  802.11b Media Access Controller (MAC) and Baseband with USB Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C505A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT76C505A Datasheet HTML 1Page - ATMEL Corporation AT76C505A Datasheet HTML 2Page - ATMEL Corporation AT76C505A Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AT76C505A
2389BS–WLAN–07/03
Description
The AT76C505A is a single-chip baseband controller that can handle IEEE 802.11b
standard compliant data rates of up to 11 Mbps and provides all processing and func-
tionality needed for the MAC protocol of IEEE 802.11b. The AT76C505A is a full speed
USB 2.0 compliant device that can support up to four configurable Endpoints (EP) plus
one Control EP. The AT76C505A USB interface can support Suspend and Resume bus
condition for saving power during host idle periods.
Besides the USB interface, the AT76C505A contains a WEP/TKIP engine block, an
AES engine block, a MAC Support Unit (MSU), a 802.11b baseband controller, two
memory controllers and the ARM
® subsystem consisting of an Interrupt Controller, two
32-bit timers, and an address decoder unit.
The ARM7TDMI core supports two alternative instruction sets. Powerful 32-bit code can
be executed by the processor in ARM operating mode. However, a 16-bit instruction
subset is also available in Thumb
® mode. Thumb mode can be selected to exploit full
processor power with limited external memory resources. Note that ARM7TDMI operat-
ing mode can be changed at run time with negligible overhead.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com