Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS101 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS101
Description  New Rijksmuseum is largest gallery space ever lit by LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS101 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS101 Datasheet HTML 1Page - Lumileds Lighting Company CS101 Datasheet HTML 2Page - Lumileds Lighting Company CS101 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS101 Amsterdam Welcomes New Age in Museum Lighting Case Study 20150330 ©2015 Lumileds Holding B.V. All rights reserved.
2
customized using a magnetic mounting scheme with remotely-
positioned driver. The light racks contain 3,800 StyllD fixtures
with Fortimo LED Spotlight Module Tight Beam containing
LUXEON S LEDs.
Ceiling lighting was provided by approximately 1.8 kilometers
of Fortimo strip up-lighting, also positioned within the light
racks. This approach allows seamless coherent lighting of the
ceilings of varying heights in the galleries.
LED Advantages
One benefit to the combination of Philips Fortimo LED SLM
Tight Beam and LUXEON S LEDs is the small light emitting
surface (LES). Small LES allows a smaller optical reflector
design, enabling very narrow beams, including 5° and 10°
beams with high center-beam candlepower. In museum
applications, a uniform and sharp beam pattern is possible
with a crisp single-point-source shadow, which enhances the
texture and sparkle of artifacts. To minimize glare from the
light sources, an internal glare shield was developed for the
StyllD fixture.
When not directed at the artwork, the Rijksmuseum lighting
mimics the color rendition of natural daylight (5000K).
Additional benefits to the use of LED lighting over halogen
include a typical lifetime that is 10x longer, significantly
impacting maintenance costs, little heat generation and no
ultraviolet radiation, which are known to damage artwork.
Control and Future-Proofing
The lighting control scheme was designed to enable museum
staff to set lighting levels on individual works of art. The
Philips’ Dynalite DALI control system and web-based control
interface were installed to provide flexibility in lighting
including the dimming via a mobile application and iPad.
Using DALI-controlled Xitanium drivers, practical dimming
cut-off levels were set at 10%, which proved adequate for all
but a few artifacts where neutral-density glass lenses were
incorporated. The control system also addresses light output,
which is constant, ensuring long-term lumen depreciation of
the LEDs.
Even given the long lifetime of LEDs, repair-ability and
upgrade-ability must be considered. Philips designed for the
future with Zhaga-compliant LED modules. Both the spot
fixtures and LED strip up-lighting can be upgraded or repaired
at a later date using standard Zhaga-compliant modules.
Viewing the Rijksmuseum
The renovated Rijksmuseum reopened to the public on April
13, 2013. It is the largest gallery space lit by LEDs, containing
¾ million LEDs. All parts of the museum including the exterior
and façade use LED lighting.
To encourage visitation and education, the museum has
made high resolution versions of 125,000 of its painting and
artifacts available on its website, www.rijksmuseum.nl. While
online viewing can provide insight into the luminance and
color rendering delivered in these artworks, only a visit to
the Rijksmuseum can fully reveal the beauty that LED lighting
elicits from the works of the Dutch Masters.
“At the heart of all the decisions we take are two aspects, the visitor’s experience of
the museum and the preservation of our art. We chose LED lighting for firstly, the high
quality of the light emitted, and secondly the color rendering of LED lighting, which is
very close to that of daylight. This allows the art to be viewed in the best light possible
to bring out all the colors and details that the artist intended us to see.”
— Tim Zeedijk
Head of Exhibitions, Rijksmuseum



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com