Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS102 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS102
Description  Lumileds LUXEON Rebel designed in on airplanes to
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS102 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS102 Datasheet HTML 1Page - Lumileds Lighting Company CS102 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CASE STUDY
CS102 LED Lighting Masters the Art of In-Flight Calm on Airbus A390s and Boeing 787s Case Study ©2015 Lumileds Holding B.V. All rights reserved.
LED Lighting Masters
the Art of In-Flight
Calm on Airbus A380s
and Boeing 787s
Aboard a state-of-the-art aircraft might be the last place you would think of yourself
enjoying a warm candlelit dinner, followed by a good nights sleep under a starry night
sky. The truth is, the latest aircraft cabins seek to provide just that — a revolutionary
in-flight experience through the use of mood lighting. Mood lighting uses the full
spectrum of colors and the ability to change these colors continuously with LEDs to
mimic or enhance a sunrise morning or a bright, fresh afternoon or a cool evening that
winds down the day. These lighting effects even seek to reduce your likelihood of jet
lag. LED lighting programs are specifically designed to gradually shift your waking
and sleeping biorhythms to match that of your destination city.
LED lighting is perfectly suited to create a flexible and ever-changing lighting scheme
using a combination of white and colored LEDs. In the design of the cabins of the
Boeing 787 Dreamliner and the Airbus A380, Lumileds partnered with Diehl Aerospace
to optimize the interior lighting system design for maximum passenger comfort.
“Many years of research led to an optimized selection of various LED types and colors
to achieve the best balance of flexibility in the lighting system and maximum energy
efficiency,” explained Mark van den Berg, Director of Marketing EMEA at Lumileds.
Lumileds provided the LEDs while Diehl Aerospace engineered the overall lighting
system for the Boeing and Airbus cabin interiors. “The system creates a unique
atmosphere in the aircraft,” said van den Berg.
“LED technology can offer an overall energy savings of 35 to 55% relative to previous
lighting systems,” said Marc Renz from Diehl Aerospace. Contributing to this savings
is the dramatically lower power consumption of LED technology but also the ability to
easily dim the LEDs. This reduction in energy use, in addition to the smaller size and
lighter weight of solid-state devices, reduces the aircraft’s fuel consumption.
In addition to fuel efficiency, maintenance has a direct effect on operating costs of
an airline. LED lighting has a lifespan of approximately 50,000 hours 10x the life of
incandescent, fluorescent or halogen bulbs. Furthermore, since LEDs are solid-state
devices, they are much more robust to vibration and shock than light bulbs, so the
maintenance requirement is even further diminished.
Summary
Lumileds LUXEON Rebel designed in
on airplanes to:
• Reduce jetlag
• Optimize comfort
• Be energy efficient
“LED technology can offer an overall energy savings of
35 to 55% relative to previous lighting systems.”
— Marc Renz from Diehl Aerospace


Similar Part No. - CS102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS102060 ETC-CS102060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS102075 ETC-CS102075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS102090 ETC-CS102090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS102125 ETC-CS102125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Sumida Corporation
CS1022 SUMIDA-CS1022 Datasheet
112Kb / 1P
Current Sense
More results

Similar Description - CS102

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
LUXEON Rebel and LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
LUXEON Rebel General Purpose White Portfolio
logo
Ledil, Inc.
CP11630 LEDIL-CP11630 Datasheet
2Mb / 4P
~15째 spot beam optimized for LUXEON Rebel
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
CX12568 LEDIL-CX12568 Datasheet
1Mb / 4P
~40째 wide beam optimized for LUXEON Rebel.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com