Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS103 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS103
Description  Milestone in Energy Efficiency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS103 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS103 Datasheet HTML 1Page - Lumileds Lighting Company CS103 Datasheet HTML 2Page - Lumileds Lighting Company CS103 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS103 Milestone in Energy Efficiency Case Study ©2015 Lumileds Holding B.V. All rights reserved.
Milestone in Energy
Efficiency
Venice Achieves Milestone in Energy
Efficiency While Maintaining Beauty and
Character of Historic Luminaires
All along the canal-ways and on the grounds of
the famous Piazza San Marco in Venice, Italy,
vintage luminaires have been upgraded to LED
lighting to reduce energy usage by over 80
percent while maintaining the look and feel
of a bygone era.
Challenge
Venice is a city for lovers. An evening spent traveling along the Canal Grande or
strolling through the spacious Piazza San Marco is typically enhanced by a warm
glow from antique luminaries — which project light on the captivating waterways and
stunning architecture found everywhere the eye can see. So when it came time to
upgrade to a more energy-efficient lighting solution, Venetians and historians including
the Commission for the Architectural and Landscape Heritage got involved to see to it
that the exact lighting quality in all of Venice be preserved.
Solution
Litek, the Italian provider of lighting fixtures that was commissioned for its “Custom
Service” division, decided to use Lumileds LEDs within the fixtures after four years
of testing.
“After hard tests on site, we determined that Lumileds
LEDs were the right choice for this project — not only
for their LED capabilities, but to preserve the unique
light and wonder of Venice.”
— Fabio Facchini
CEO, LITEK LED Lighting
Challenge
Upgrade Venice’s Piazza San Marco
and Canal Grande to a more energy-
efficient illumination solution, while still
preserving the unique historical, vintage
look and feel that is central to the
beautiful city.
Solution
Litek utilized Lumileds LEDs to complete
the project, after 4 years of extensive
testing.
• LUXEON K
• LUXEON M
Benefit
Lumileds LUXEON K and LUXEON M
are both array solutions that provide
high efficiency, top-notch lumen density,
as well as significant energy savings
compared to the incumbent halogen
technology that had been used.
Results
Litek was able to help Venice realize
a 75 kW reduction of power use
annually — 81.4% less energy than was
previously used — while still maintaining
the traditional aesthetic feel of the city.


Similar Part No. - CS103

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS103-C246 DFI-CS103-C246 Datasheet
988Kb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
CS103-H310 DFI-CS103-H310 Datasheet
986Kb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
CS103-Q370 DFI-CS103-Q370 Datasheet
988Kb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
logo
List of Unclassifed Man...
CS1033 ETC-CS1033 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS103

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AFE220 XPPOWER-AFE220 Datasheet
338Kb / 2P
Energy Efficiency Level V
AEL XPPOWER-AEL Datasheet
494Kb / 6P
Energy Efficiency Level V
AFM XPPOWER-AFM Datasheet
363Kb / 2P
Energy Efficiency Level V
VEB15 XPPOWER-VEB15 Datasheet
130Kb / 2P
Energy Efficiency Level V
VEB10US05 XPPOWER-VEB10US05 Datasheet
156Kb / 2P
Energy Efficiency Level V
logo
HITRON ELECTRONICS CORP...
HEMG56 HITRON-HEMG56 Datasheet
239Kb / 2P
Energy Efficiency Level VI
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
Energy Efficiency Level VI
HEMP252G HITRON-HEMP252G_17 Datasheet
387Kb / 2P
Energy Efficiency Level V
logo
Festo Corporation.
8085454 FESTO-8085454 Datasheet
80Kb / 2P
Energy efficiency module
8085455 FESTO-8085455 Datasheet
80Kb / 2P
Energy efficiency module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com