Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS108 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS108
Description  Fixtures Slim Down with Low-Power LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS108 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS108 Datasheet HTML 1Page - Lumileds Lighting Company CS108 Datasheet HTML 2Page - Lumileds Lighting Company CS108 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS108 Fixtures Slim Down with Low-power LEDs Case Study 20150330 ©2015 Lumileds Holding B.V. All rights reserved.
2
Solution
Jasco partnered with Lumileds to redesign two flush-mount
light bars and one puck light. With the incorporation of
LUXEON 4014 low-power LEDs, which feature an efficacy of
up to150 lm/W at 30mA, battery life was extended by 15%.
The LUXEON 4014 offers an ideal solution when uniformity
and a smooth lighting appearance are critical in fixture
designs. “We were able to boost color consistency throughout
the bin line by 20% at 4000K color temperature and 80CRI,”
explained Eric Koboldt.
Several changes were made to the fixture to create a slimmer
overall design compared to that of previous generations,
which had relied on through-hole LEDs. The LUXEON 4014
utilizes surface mount technology (SMT), which allows for
a smaller overall footprint, while also improving packaging
reliability. The LED’s rectangular package (4.0x1.4x0.7 mm)
also increases light uniformity.
Benefits
The change to the LUXEON 4014 enabled a 15% improvement
in battery life and a 20% boost in color consistency from the
fixtures. Superior heat dissipation from the LEDs enables a
cost effective thermal design of the fixtures. In addition, the
transition to SMT from through-hole technology improved
manufacturing efficiency by replacing a hands-on operator
task with an automated pick-and-place operation. Other
design changes to the PCB housing enabled a significant
reduction in the amount of material used in each fixture,
thereby reducing material cost, scrap and environmental
impact.
Results
The 6x2 inch and 12x2 inch under-cabinet lights are nearly as
thin as an AA battery and along with the puck light lasting 15%
longer than previous generation products. Due to the specific
form factor of the LUXEON 4014 lending itself to optimized
spacing within the fixture, color consistency is 20% improved
over the previous generation product as well. Providing
high efficacy and just the right amount of light, the LUXEON
4014 low-power LED was ideal for these indoor area lighting
applications, served as a natural replacement to traditional
lighting (such as fluorescents) and simplified the overall
manufacturing process.
Jasco 12 inch Lightbar for under cabinet lighting — transitioned from 6 to 4 LUXEON 4014 LEDs
“By using low power LEDs, less plastic and fewer overall parts, not only
was overall manufacturing cost reduced but the environmental impact was also
mitigated.”
— Eric Koboldt
Product Manager LED Lighting, Jasco Products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com