Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS115 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS115
Description  The Times Square Ball
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS115 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS115 Datasheet HTML 1Page - Lumileds Lighting Company CS115 Datasheet HTML 2Page - Lumileds Lighting Company CS115 Datasheet HTML 3Page - Lumileds Lighting Company CS115 Datasheet HTML 4Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CASE STUDY
CS115 The Times Square Ball Case Study ©2015 Lumileds Holding B.V. All rights reserved.
The Times Square Ball
Never Before Possible
Each year, millions of eyes from all over the world are
focused on the sparkling Times Square New Year’s
Eve Ball. At 11:59 p.m., the Ball begins its descent
as millions of voices unite to count down the final
seconds of the year, and celeb
Challenge
On October 4, 2007, the Times Square Alliance and Countdown Entertainment,
coorganizers of New Year’s Eve in Times Square, unveiled the new LED Crystal Times
Square New Year’s Eve Ball, sponsored by Waterford Crystal and Philips Lighting.
Tim Tompkins, President of the Times Square Alliance, tells the story: “This year, we are
celebrating the 100th anniversary of the New Year’s Eve Ball, which was first dropped
on December 31st, 1907. At that time, the Ball represented a marriage of Tradition
and Technology, because New Year’s Eve itself is about looking back at the past and
reflecting on where we’ve been, and looking forward into the future with hope. The
Technology of 1907 was one hundred, 25W incandescent light bulbs. Those today,
for us, are just regular, oldfashioned light bulbs, but at the time, it was incredibly new
technology—electric lights in place of gas lights—and that was the newest, hottest
thing. So fastforward a hundred years. Once again, the Ball is about the marriage of
Tradition and Technology. And the Technology of the Future is these amazing Philips
LUXEON LED lights, of which there are 9,576 in the new Ball. It’s incredible to see them
because it has so much more capacity than the old New Year’s Eve Ball—it is so much
brighter, there are so many more patterns, and it just looks modern, and new, and
cuttingedge.”
“The Ball is about the marriage of Tradition and
Technology. And the Technology of the Future is these
amazing Philips LUXEON LED lights.”
– Tim Tompkins
President, Times Square Alliance
The new Times Square New Year’s Eve Ball is more than twice as bright as the old one,
with enhanced color capabili- ties and state-of-the-art LED lighting effects. Waterford
Crystal crafted a beautiful new design for the crystal triangles on the Ball. Lumileds


Similar Part No. - CS115

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
CS115 SYNQOR-CS115 Datasheet
2Mb / 9P
All capacitors are X7R multi-layer ceramic
More results

Similar Description - CS115

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78840M SANYO-LC78840M Datasheet
229Kb / 11P
Four-times or Eight-times Oversampling Digital Filter
logo
ATMEL Corporation
T48C893 ATMEL-T48C893 Datasheet
638Kb / 82P
The multiple times programmable (MTP) version for the MARC4 ROM types
logo
List of Unclassifed Man...
00097 ETC1-00097 Datasheet
513Kb / 2P
Wiha Square Handle, The Classic Screwdriver for Multiple Applications
logo
Pasternack Enterprises,...
EZ-400-TM-X PASTERNACK-EZ-400-TM-X Datasheet
86Kb / 1P
times microwave system
logo
XFMRS Inc.
3010 XFMRS-3010_15 Datasheet
32Kb / 2P
SHORT LEAD TIMES
logo
ILSI America LLC
IM821 ILSI-IM821 Datasheet
613Kb / 9P
Fast delivery times
logo
Shoulder Electronics Li...
HDF383AS4 SHOULDER-HDF383AS4 Datasheet
161Kb / 7P
Drop the device randomly onto the concrete floor from the height of 1m 3 times
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
Fast response times
logo
Nuvoton Technology Corp...
NCT3940S NUVOTON-NCT3940S Datasheet
584Kb / 14P
1.6 Times Linear Fan Driver
logo
List of Unclassifed Man...
TC-240-NMH-X ETC1-TC-240-NMH-X Datasheet
57Kb / 1P
TIMES MICTOWAVE SYSTEMS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com