Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS130 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS130
Description  Innovative color mixing LEDs enable compact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS130 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS130 Datasheet HTML 1Page - Lumileds Lighting Company CS130 Datasheet HTML 2Page - Lumileds Lighting Company CS130 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS130 Superior Color Mixing Debuts on Stage and Screen Case Study 20170130 ©2017 Lumileds Holding B.V. All rights reserved.
2
Solution
Yajiang evaluated the color LED options available and
determined that Lumileds offered the best solution in terms
of wide color options, color consistency, quality of white light
and friendliness to secondary optical design. The first two
products developed in the Stager line are the Fresno Fresnel
spotlight and the Eclipse Profile spotlight. The Fresno utilizes
RGBLA LEDs with a single optic per LED for maximum color
control. The Eclipse Profile spotlight is a LED module spotlight
with RGBLA LEDs.
The LUXEON C Color Line is specifically designed for flawless
color mixing. Each LED, regardless of color, has the same
focal length, leading to a consistent radiation pattern from
secondary optics. The LED source size is 2mm x 2mm,
enabling compact design on the PCB. A low dome over
the LED improves light extraction and maximizes punch
in spotlights.
The LUXEON C Color Line also features the industry’s lowest
thermal resistance substrate (2.8 °C/W), which allows the LEDs
to be driven harder or heatsink costs to be reduced. In stage
lighting applications, sometimes a quiet set is needed and
lighting fans must be shut off. The cooler operation enabled
by the LUXEON C, together with Yajiang’s heatsink design,
provide such system flexibility during performances.
Results and Benefits
The Stager spotlights are designed to exceed user
expectations for state-of-the-art stage lighting. By combining
the color richness of the LUXEON C Color Line with the Stager
optics, heatsink and overall sleek design, lighting professionals
enjoy the highest quality color mixing and white light in a
compact form factor.
The Stager spotlights are an excellent example of
adaptiveness in a single platform for multiple stage lighting
applications. The product series can deliver consistent color,
flawless color mixing and a high color gamut due to the
expansive color options in the LUXEON C Color Line. The
quality of white light is critical, as well, and the spotlights
deliver a wide color temperature range (2700K-6500K) with
CRI greater than 85 for accurate white light depiction.
“The color richness of the LUXEON C
Color Line brings flexible color mixing
and a high color gamut. It also delivers
the best quality of white illumination
with high CRI.”
— Alex Wong, President of Yajiang
The Eclipse Profile spotlight uses Lumileds
LEDs for state-of-the-art stage lighting.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com