Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW29FP-200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW29FP-200
Description  HIGH EFFICIENCY FAST RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW29FP-200 Datasheet(HTML) 1 Page - STMicroelectronics

  BYW29FP-200 Datasheet HTML 1Page - STMicroelectronics BYW29FP-200 Datasheet HTML 2Page - STMicroelectronics BYW29FP-200 Datasheet HTML 3Page - STMicroelectronics BYW29FP-200 Datasheet HTML 4Page - STMicroelectronics BYW29FP-200 Datasheet HTML 5Page - STMicroelectronics BYW29FP-200 Datasheet HTML 6Page - STMicroelectronics BYW29FP-200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
BYW29/F/FP/G-200
®
May 2002 - Ed: 4B
HIGH EFFICIENCY FAST RECOVERY DIODES
IF(AV)
8A
VRRM
200 V
trr (max)
25 ns
VF (max)
0.85 V
MAIN PRODUCT CHARACTERISTICS
s
Very Low Forward Losses
s
Negligible switching losses
s
High surge current capability
s
Insulated
packages
(ISOWATT220AC,
TO-220FPAC):
Insulation voltage: 2000 VDC
Typical insulation capacitance = 12 pF
FEATURES AND BENEFITS
Single rectifier suited for Switch Mode Power
Supply and high frequency DC to DC converters.
Packaged
in
TO-220AC,
ISOWATT220AC,
TO-220FPAC and D
2PAK, this device is intended
for use in high frequency inverters, free wheeling
and polarity protection applications.
DESCRIPTION
NC
A
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
16
A
IF(AV)
Average forward current
δ = 0.5
D
2PAK /
TO-220AC
Tc =120°C
8
A
ISOWATT220AC
TO-220FPAC
Tc = 100°C
IFSM
Surge non repetitive forward current
(All pins connected)
tp=10ms
sinusoidal
80
A
Tstg
Storage and junction temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
+ 150
ABSOLUTE MAXIMUM RATINGS
D
2PAK
BYW29G-200
TO-220AC
BYW29-200
TO-220FPAC
BYW29FP-200
ISOWATT220AC
BYW29F-200
AK
K
A
K
A
K
A


Similar Part No. - BYW29FP-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F-100 PHILIPS-BYW29F-100 Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F-150 PHILIPS-BYW29F-150 Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F-200 PHILIPS-BYW29F-200 Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
STMicroelectronics
BYW29F-200 STMICROELECTRONICS-BYW29F-200 Datasheet
72Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
More results

Similar Description - BYW29FP-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT30G-400 STMICROELECTRONICS-BYT30G-400 Datasheet
71Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYW29G-200 STMICROELECTRONICS-BYW29G-200 Datasheet
63Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYW77G-200 STMICROELECTRONICS-BYW77G-200 Datasheet
66Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Aug-2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com