Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW29-200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYW29-200
Description  HIGH EFFICIENCY FAST RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW29-200 Datasheet(HTML) 4 Page - STMicroelectronics

  BYW29-200 Datasheet HTML 1Page - STMicroelectronics BYW29-200 Datasheet HTML 2Page - STMicroelectronics BYW29-200 Datasheet HTML 3Page - STMicroelectronics BYW29-200 Datasheet HTML 4Page - STMicroelectronics BYW29-200 Datasheet HTML 5Page - STMicroelectronics BYW29-200 Datasheet HTML 6Page - STMicroelectronics BYW29-200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BYW29/F/FP/G-200
4/7
0
10
20
30
40
50
60
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
Tc=25°C
Tc=75°C
Tc=100°C
IM(A)
IM
t
δ=0.5
Fig.5-2 : Non repetitive surge peak forward cur-
rent versus overload duration (TO-220FPAC,
ISOWATT220AC).
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
150
Tamb(°C)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C:W
TO-220AC/D²PAK
TO-220FPAC
ISOWATT220AC
IF(av)(A)
Fig.6 : Average current versus ambient tempera-
ture. (
δ = 0.5)
10
100
1000
10
100
1000
dIF/dt(A/µs)
IF=8A
VR=100V
Tj=100°C
Qrr(nC)
Fig.8 : Reverse recovery charges versus dIF/dt
(90%confidence).
10
100
1
10
100
1000
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(pF)
Fig.7 : Junction capacitance versus reverse volt-
age applied (Typical values).
1
10
100
10
100
1000
dIF/dt(A/µs)
IF=8A
VR=100V
Tj=100°C
IRM(A)
Fig.9 : Peak reverse recovery current versus
dIF/dt (90% confidence).
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
25
50
75
100
125
150
Tj(°C)
IRM
QRR
IF=8A
VR=100V
Qrr; IRM[Tj] / Qrr; IRM[Tj=125°C]
Fig.10 : Dynamic parameters versus junction tem-
perature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com