Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91237 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91237
Description  N Female to N Female Adapter IP67 UnMated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91237 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91237 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91237 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91237 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector Specification 1
IEC 169-16 & MIL-C-39012, N
Connector 2
N Female
Impedance 2
50 Ohms
Connector Specification 2
IEC 169-16 & MIL-C-39012, N
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.3:1
Mechanical Specifications
Size
Length, in [mm]
1.496 [38]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-45 to +125 deg C
Ingress Protection
IP67 UnMated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/16/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to N Female Adapter IP67 UnMated PE91237
PE91237
PE91237 REV 1.0
N Female to N Female Adapter IP67 UnMated


Similar Part No. - PE91237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9123 PASTERNACK-PE9123 Datasheet
245Kb / 2P
4 Hole Flange N Female to BNC Male Adapter
PE91230 PASTERNACK-PE91230 Datasheet
365Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE91231 PASTERNACK-PE91231 Datasheet
357Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91233 PASTERNACK-PE91233 Datasheet
357Kb / 3P
4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
More results

Similar Description - PE91237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91255 PASTERNACK-PE91255 Datasheet
374Kb / 3P
4.1 - 9.5 Mini DIN Female to N Female Adapter IP67 UnMated
PE91249 PASTERNACK-PE91249 Datasheet
357Kb / 3P
7 - 16 DIN Male to N Female Adapter IP67 UnMated
PE91250 PASTERNACK-PE91250 Datasheet
357Kb / 3P
7 - 16 DIN Female to N Female Adapter IP67 UnMated
PE91251 PASTERNACK-PE91251 Datasheet
356Kb / 3P
7 - 16 DIN Female to N Male Adapter IP67 UnMated
PE91252 PASTERNACK-PE91252 Datasheet
363Kb / 3P
Bulkhead 7 - 16 DIN Female to N Female Adapter IP67 UnMated
PE91257 PASTERNACK-PE91257 Datasheet
364Kb / 3P
Bulkhead 4.1 - 9.5 Mini DIN Female to N Female Adapter IP67 UnMated
PE91200 PASTERNACK-PE91200 Datasheet
354Kb / 3P
N Female to N Female Adapter IP67 Mated
PE91236 PASTERNACK-PE91236 Datasheet
373Kb / 3P
N Male to N Female Adapter IP67 UnMated
PE91238 PASTERNACK-PE91238 Datasheet
363Kb / 3P
Bulkhead N Female to N Female Adapter IP67 UnMated
PE91241 PASTERNACK-PE91241 Datasheet
353Kb / 3P
TNC Female to TNC Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com