Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5204-3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5204-3
Description  4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5204-3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5204-3 Datasheet HTML 2Page - ON Semiconductor CS5204-3 Datasheet HTML 3Page - ON Semiconductor CS5204-3 Datasheet HTML 4Page - ON Semiconductor CS5204-3 Datasheet HTML 5Page - ON Semiconductor CS5204-3 Datasheet HTML 6Page - ON Semiconductor CS5204-3 Datasheet HTML 7Page - ON Semiconductor CS5204-3 Datasheet HTML 8Page - ON Semiconductor CS5204-3 Datasheet HTML 9Page - ON Semiconductor CS5204-3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CS5204−1, CS5204−3, CS5204−5
http://onsemi.com
9
PACKAGE DIMENSIONS
D2PAK−3
DP SUFFIX
CASE 418AB−01
ISSUE O
For D2PAK Outline and
Dimensions − Contact Factory
PACKAGE THERMAL DATA
Parameter
TO−220−3
D2PAK−3
Unit
RqJC
Typical
1.6
1.6
°C/W
RqJA
Typical
50
10−50*
°C/W
* Depending on thermal properties of substrate. RqJA = RqJC + RqCA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com