Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMD-RGF Datasheet(PDF) 4 Page - Cree, Inc

Part # C4SMD-RGF
Description  These oval LEDs are specifically designedfor full-color video screens,digitalbillboards and passenger-informationsigns.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMD-RGF Datasheet(HTML) 4 Page - Cree, Inc

  C4SMD-RGF Datasheet HTML 1Page - Cree, Inc C4SMD-RGF Datasheet HTML 2Page - Cree, Inc C4SMD-RGF Datasheet HTML 3Page - Cree, Inc C4SMD-RGF Datasheet HTML 4Page - Cree, Inc C4SMD-RGF Datasheet HTML 5Page - Cree, Inc C4SMD-RGF Datasheet HTML 6Page - Cree, Inc C4SMD-RGF Datasheet HTML 7Page - Cree, Inc C4SMD-RGF Datasheet HTML 8Page - Cree, Inc C4SMD-RGF Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 4-mm Oval LED
C4SMD-RGF/GGF/BGF
ORDER CODE TABLE*
C4SMD
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Red
C4SMD-RGF-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
Red
C4SMD-RGF-CU14QBB1
Any 4 consecutive sub-bins: U1 (1520) - V2 (2564)
RB
619
RB
624
Bulk
Red
C4SMD-RGF-CU34QBB1
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
RB
619
RB
624
Bulk
Red
C4SMD-RGF-CV14QBB1
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
RB
619
RB
624
Bulk
Red
C4SMD-RGF-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
Red
C4SMD-RGF-CU14QBB2
Any 4 consecutive sub-bins: U1 (1520) - V2 (2564)
RB
619
RB
624
Ammo
Red
C4SMD-RGF-CU34QBB2
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
RB
619
RB
624
Ammo
Red
C4SMD-RGF-CV14QBB2
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
RB
619
RB
624
Ammo
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Green
C4SMD-GGF-CV0Y0791
2130
8200
G7
520
G9
535
Bulk
Green
C4SMD-GGF-CW14Q7T1
Any 4 consecutive sub-bins: W1 (3000) - X2 (5020)
Any 1 color bin from G7 (520 nm) to G8 (530 nm)
Bulk
Green
C4SMD-GGF-CW14Q8T1
Any 4 consecutive sub-bins: W1 (3000) - X2 (5020)
Any 1 color bin from G8 (525 nm) to G9 (535 nm)
Bulk
Green
C4SMD-GGF-CW34Q7T1
Any 4 consecutive sub-bins: W3 (3590) - X4 (5860)
Any 1 color bin from G7 (520 nm) to G8 (530 nm)
Bulk
Green
C4SMD-GGF-CW34Q8T1
Any 4 consecutive sub-bins: W3 (3590) - X4 (5860)
Any 1 color bin from G8 (525 nm) to G9 (535 nm)
Bulk
Green
C4SMD-GGF-CX14Q7T1
Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030)
Any 1 color bin from G7 (520 nm) to G8 (530 nm)
Bulk
Green
C4SMD-GGF-CX14Q8T1
Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030)
Any 1 color bin from G8 (525 nm) to G9 (535 nm)
Bulk
Green
C4SMD-GGF-CX34Q7T1
Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200)
Any 1 color bin from G7 (520 nm) to G8 (530 nm)
Bulk
Green
C4SMD-GGF-CX34Q8T1
Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200)
Any 1 color bin from G8 (525 nm) to G9 (535 nm)
Bulk
Green
C4SMD-GGF-CV0Y0792
2130
8200
G7
520
G9
535
Ammo
Green
C4SMD-GGF-CW14Q7T2
Any 4 consecutive sub-bins: W1 (3000) - X2 (5020)
Any 1 color bin from G7 (520 nm) to G8 (530 nm)
Ammo
Green
C4SMD-GGF-CW14Q8T2
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
Any 1 color bin from G8 (525 nm) to G9 (535 nm)
Ammo
Green
C4SMD-GGF-CW34Q7T2
Any 4 consecutive sub-bins: W3 (3590) - X4 (5860)
Any 1 color bin from G7 (520 nm) to G8 (530 nm)
Ammo
Green
C4SMD-GGF-CW34Q8T2
Any 4 consecutive sub-bins: W3 (3590) - X4 (5860)
Any 1 color bin from G8 (525 nm) to G9 (535 nm)
Ammo
Green
C4SMD-GGF-CX14Q7T2
Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030)
Any 1 color bin from G7 (520 nm) to G8 (530 nm)
Ammo
Green
C4SMD-GGF-CX14Q8T2
Any 4 consecutive sub-bins: X1 (4180) - Y2 (7030)
Any 1 color bin from G8 (525 nm) to G9 (535 nm)
Ammo
Green
C4SMD-GGF-CX34Q7T2
Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200)
Any 1 color bin from G7 (520 nm) to G8 (530 nm)
Ammo
Green
C4SMD-GGF-CX34Q8T2
Any 4 consecutive sub-bins: X3 (5020) - Y4 (8200)
Any 1 color bin from G8 (525 nm) to G9 (535 nm)
Ammo



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com