Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMD-RGF-CU14QBB1 Datasheet(PDF) 5 Page - Cree, Inc

Part # C4SMD-RGF-CU14QBB1
Description  These oval LEDs are specifically designedfor full-color video screens,digitalbillboards and passenger-informationsigns.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMD-RGF-CU14QBB1 Datasheet(HTML) 5 Page - Cree, Inc

  C4SMD-RGF-CU14QBB1 Datasheet HTML 1Page - Cree, Inc C4SMD-RGF-CU14QBB1 Datasheet HTML 2Page - Cree, Inc C4SMD-RGF-CU14QBB1 Datasheet HTML 3Page - Cree, Inc C4SMD-RGF-CU14QBB1 Datasheet HTML 4Page - Cree, Inc C4SMD-RGF-CU14QBB1 Datasheet HTML 5Page - Cree, Inc C4SMD-RGF-CU14QBB1 Datasheet HTML 6Page - Cree, Inc C4SMD-RGF-CU14QBB1 Datasheet HTML 7Page - Cree, Inc C4SMD-RGF-CU14QBB1 Datasheet HTML 8Page - Cree, Inc C4SMD-RGF-CU14QBB1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree 4-mm Oval LED
C4SMD-RGF/GGF/BGF
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Blue
C4SMD-BGF-CR0U0351
550
2130
B3
460
B5
475
Bulk
Blue
C4SMD-BGF-CR34Q3T1
Any 4 consecutive sub-bins: R3 (660) - S4 (1100)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Bulk
Blue
C4SMD-BGF-CR34Q4T1
Any 4 consecutive sub-bins: R3 (660) - S4 (1100)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Bulk
Blue
C4SMD-BGF-CS14Q3T1
Any 4 consecutive sub-bins: S1 (770) - T2 (1310)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Bulk
Blue
C4SMD-BGF-CS14Q4T1
Any 4 consecutive sub-bins: S1 (770) - T2 (1310)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Bulk
Blue
C4SMD-BGF-CS34Q3T1
Any 4 consecutive sub-bins: S3 (934) - T4 (1520)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Bulk
Blue
C4SMD-BGF-CS34Q4T1
Any 4 consecutive sub-bins: S3 (934) - T4 (1520)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Bulk
Blue
C4SMD-BGF-CT14Q3T1
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Bulk
Blue
C4SMD-BGF-CT14Q4T1
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Bulk
Blue
C4SMD-BGF-CR0U0352
550
2130
B3
460
B5
475
Ammo
Blue
C4SMD-BGF-CR34Q3T2
Any 4 consecutive sub-bins: R3 (660) - S4 (1100)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Ammo
Blue
C4SMD-BGF-CR34Q4T2
Any 4 consecutive sub-bins: R3 (660) - S4 (1100)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Ammo
Blue
C4SMD-BGF-CS14Q3T2
Any 4 consecutive sub-bins: S1 (770) - T2 (1310)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Ammo
Blue
C4SMD-BGF-CS14Q4T2
Any 4 consecutive sub-bins: S1 (770) - T2 (1310)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Ammo
Blue
C4SMD-BGF-CS34Q3T2
Any 4 consecutive sub-bins: S3 (934) - T4 (1520)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Ammo
Blue
C4SMD-BGF-CS34Q4T2
Any 4 consecutive sub-bins: S3 (934) - T4 (1520)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Ammo
Blue
C4SMD-BGF-CT14Q3T2
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Ammo
Blue
C4SMD-BGF-CT14Q4T2
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Ammo
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from V1 to W2
mean only one intensity bin with four sub-bins of the following brightness ranges (V1-V4, V2-W1, V3-W2) will be
shipped by Cree. For example, any one-color bin from G7 to G9 means only one color bin (G7 or G8 or G9) will be
shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com