Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMT-RJS Datasheet(PDF) 1 Page - Cree, Inc

Part # C4SMT-RJS
Description  Electronic Signs & Signals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMT-RJS Datasheet(HTML) 1 Page - Cree, Inc

  C4SMT-RJS Datasheet HTML 1Page - Cree, Inc C4SMT-RJS Datasheet HTML 2Page - Cree, Inc C4SMT-RJS Datasheet HTML 3Page - Cree, Inc C4SMT-RJS Datasheet HTML 4Page - Cree, Inc C4SMT-RJS Datasheet HTML 5Page - Cree, Inc C4SMT-RJS Datasheet HTML 6Page - Cree, Inc C4SMT-RJS Datasheet HTML 7Page - Cree, Inc C4SMT-RJS Datasheet HTML 8Page - Cree, Inc C4SMT-RJS Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree® Screen Master® 4-mm Oval LED
C4SMT-RJS/GJS/BJS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
The oval LED is specifically designed
for variable-message signs and full-
color video screens and billboards.
The C4SMT family has been optimized
to have its brightest point at 20° be-
low the horizon. This is ideal for screen
installations where the viewing audi-
ence is below the screen. The oval-
shaped radiation pattern and high
luminous intensity ensure that these
devices are excellent for wide-field-
of -view outdoor applications where a
wide viewing angle and readability in
sunlight are essential.
These lamps are made with an ad-
vanced optical-grade epoxy that offers
superior high-temperature and high-
moisture-resistance performance in
outdoor signal and sign applications.
The encapsulation resin contains anti-
UV material in order to reduce the ef-
fects of long-term exposure to direct
sunlight.
FEATURES
Size (mm): 4
Color and Typical Dominant
Wavelength:
Red (621nm)
Green(527nm)
Blue(470nm)
Peak Luminous Intensity (mcd)
C4SMT-RJS: (770-3000)
C4SMT-GJS: (1520-5860)
C4SMT-BJS: (390-1520)
Lead - Free
RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
Electronic Signs & Signals
(ESS)
Full Color video screen
Motorway Signs
Variable Message Sign (VMS)
Advertising signs
Petrol Signs


Similar Part No. - C4SMT-RJS

ManufacturerPart #DatasheetDescription
logo
Cree LED
C4SMA CREELED-C4SMA Datasheet
731Kb / 9P
Screen Master® 4-mm Oval LEDs: C4SMA-RGY/GGY/BGY
logo
Cree, Inc
C4SMA-BGF CREE-C4SMA-BGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR2T3351 CREE-C4SMA-BGF-CR2T3351 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR2T3352 CREE-C4SMA-BGF-CR2T3352 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR34Q3C1 CREE-C4SMA-BGF-CR34Q3C1 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4SMT-RJS

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
FSM000100005-E2 LINKCOM-FSM000100005-E2 Datasheet
122Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-A1 LINKCOM-FSM000100005-A1 Datasheet
130Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-A2 LINKCOM-FSM000100005-A2 Datasheet
126Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-O1 LINKCOM-FSM000100005-O1 Datasheet
126Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-P1 LINKCOM-FSM000100005-P1 Datasheet
127Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100006-A12 LINKCOM-FSM000100006-A12 Datasheet
127Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100006-O12 LINKCOM-FSM000100006-O12 Datasheet
127Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100006-P42 LINKCOM-FSM000100006-P42 Datasheet
123Kb / 1P
LED EVACUATION SIGNS SERIES
logo
Lumileds Lighting Compa...
CS114 LUMILEDS-CS114 Datasheet
1Mb / 4P
Illuminated Signs
logo
Cree, Inc
C4SMF-AJF CREE-C4SMF-AJF Datasheet
585Kb / 8P
Electronic Signs & Signals(ESS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com